Electronic Components Datasheet Search
  English  ▼

X  

AN2640 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2640
Description  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2640 Datasheet HTML 23Page - STMicroelectronics AN2640 Datasheet HTML 24Page - STMicroelectronics AN2640 Datasheet HTML 25Page - STMicroelectronics AN2640 Datasheet HTML 26Page - STMicroelectronics AN2640 Datasheet HTML 27Page - STMicroelectronics AN2640 Datasheet HTML 28Page - STMicroelectronics AN2640 Datasheet HTML 29Page - STMicroelectronics AN2640 Datasheet HTML 30Page - STMicroelectronics AN2640 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
AN2640
Board description
27/36
31
1
Q4
BF421
500 mA 300 V
Small signal PNP transistor
32
1
Q5
BF420
500 mA 300 V
Small signal NPN transistor
33
3
R1, R2, R29
1 M
Ω
34
2
R10, R14
1 k
Ω - 1%
35
5
R13, R24, R30,
R49, R54
10 k
Ω - 1%
36
2
R16, R46
22
Ω
37
1
R18
0
Ω
0.6 W
38
1
R22
33
Ω
39
1
R23
1
Ω - 1%
1 W
40
1
R27
3.9 k
Ω - 1%
41
1
R28
820
Ω - 1%
42
4
R3, R4, R11, R12
750 k
Ω - 1%
43
3
R31, R32, R33
330 k
Ω - 1%
0.25 W
44
1
R34
120 k
Ω - 1%
0.2 5W
45
1
R35
75
Ω - 1%
0.25 W
46
1
R36
22 k
Ω - 1%
47
3
R37, R38, R39
220 k
Ω - 1%
0.25 W
48
1
R40
2.2 k
Ω
0.25 W
49
1
R41
2.2 k
Ω - 1%
50
3
R43, R44, R45
10 k
Ω
51
1
R48
3.3 k
Ω
52
1
R5
18 k
Ω - 1%
53
1
R52
1.8 k
Ω
54
1
R53
1 M
Ω
55
1
R6
27 k
Ω
56
3
R7, R19, R21
10
Ω
57
3
R8, R47, R51
47 k
Ω
58
1
R9
0.5
Ω - 1%
1 W
59
1
T1
2x47 mH at 0.5 A
EPCOS Current-compensated D core
choke Or. code B82731-M2501-A30
60
1
T2
2 mH ± 5%
VOGT PFC choke EVD25
Part nr. SL0606301101
Table 3.
BOM (continued)
Item Qty
Reference
Part / value
Voltage Watt
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com