Electronic Components Datasheet Search
  English  ▼

X  

AN3432 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3432
Description  How to choose a bypass diode for a silicon panel junction box
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3432 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3432 Datasheet HTML 13Page - STMicroelectronics AN3432 Datasheet HTML 14Page - STMicroelectronics AN3432 Datasheet HTML 15Page - STMicroelectronics AN3432 Datasheet HTML 16Page - STMicroelectronics AN3432 Datasheet HTML 17Page - STMicroelectronics AN3432 Datasheet HTML 18Page - STMicroelectronics AN3432 Datasheet HTML 19Page - STMicroelectronics AN3432 Datasheet HTML 20Page - STMicroelectronics AN3432 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AN3432
Application constraints
Doc ID 019041 Rev 1
17/24
Figure 13.
Thermal runaway risk for STPS2045C (Tamb = 85 °C, Rth(j-a) = 31.3 °C/W)
0
1
2
3
4
5
6
7
8
9
10
-40
-20
0
20
40
60
80
100
120
140
160
180
200
P(W)
Pthermal(Tj )
Tj@t 0 =164 °C
Prev(Tj )
Pcond (Tj )
No thermal runaway risk
Prev(Tj@t0)< P cond(Tj@t0)
Tj (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com