Electronic Components Datasheet Search
  English  ▼

X  

AN3432 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3432
Description  How to choose a bypass diode for a silicon panel junction box
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3432 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3432 Datasheet HTML 15Page - STMicroelectronics AN3432 Datasheet HTML 16Page - STMicroelectronics AN3432 Datasheet HTML 17Page - STMicroelectronics AN3432 Datasheet HTML 18Page - STMicroelectronics AN3432 Datasheet HTML 19Page - STMicroelectronics AN3432 Datasheet HTML 20Page - STMicroelectronics AN3432 Datasheet HTML 21Page - STMicroelectronics AN3432 Datasheet HTML 22Page - STMicroelectronics AN3432 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AN3432
Application constraints
Doc ID 019041 Rev 1
19/24
3.2.2
200 cycles
This test is requested for the crystalline silicon terrestrial photovoltaic modules design
qualification. It is described in the standard EN61215 paragraph 10.11.
The bypass diode is polarized in reverse when the module temperature is above 25 °C.
Figure 15 illustrates the test conditions.
Figure 15.
200 cycles test conditions
As the diode is in reverse, the junction temperature is very close to the ambient temperature
due to low reverse losses. So there is no risk to exceed maximum junction temperature. The
critical parameter in this test is the value of voltage when Tamb = 25 °C. Actually, the reverse
voltage of a diode decreases with the temperature and then the diode VRRM (25 °C) is the
higher value and needs to meet the following requirement:
For an ST Schottky diode, the VRRM is guaranteed at 25 °C.
Ipeak
V
R
Minimum
time 10 min.
Minimum
time 10 min.
Maximum cycle time
100 °C/h max.
Time h
-40
+25
+85
16
5
4
3
2
VRRM(25 °C) > VR(25 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com