Electronic Components Datasheet Search
  English  ▼

X  

AN3432 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3432
Description  How to choose a bypass diode for a silicon panel junction box
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3432 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3432 Datasheet HTML 16Page - STMicroelectronics AN3432 Datasheet HTML 17Page - STMicroelectronics AN3432 Datasheet HTML 18Page - STMicroelectronics AN3432 Datasheet HTML 19Page - STMicroelectronics AN3432 Datasheet HTML 20Page - STMicroelectronics AN3432 Datasheet HTML 21Page - STMicroelectronics AN3432 Datasheet HTML 22Page - STMicroelectronics AN3432 Datasheet HTML 23Page - STMicroelectronics AN3432 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Optimized bypass diode for a given solar panel or junction box
AN3432
20/24
Doc ID 019041 Rev 1
4
Optimized bypass diode for a given solar panel or
junction box
This section describes a method to choose the optimized bypass diode through an
application example with a 400 W photovoltaic panel. Its short circuit current (Isc) is 6.4 A
and a its total open circuit voltage (Voc) is 85.3 V in STC conditions. This solar panel needs
3 bypass diodes placed in a junction box having Rth(j-a) = 30 °C/W.
Step 1: Determine VRRM minimum value
The highest open circuit voltage value for the solar panel (Voc) is for the -40 °C ambient
temperature, that is Voc (-40 °C) = 107 V, with a deviation tolerance of 20% applied. Then
the maximum reverse voltage applied to each bypass diode is 43 V.
So the VRRM minimum value is 43 V @ -40 °C. In the product range the nearest VRRM value
is 45 V.
Step 2: Diode characteristics versus application constraints
The bypass diode must be compatible with the thermal test. In general its maximum junction
temperature is 175 °C.
Then the thermal losses can be calculated as:
The junction box is able to dissipate 3.33 W when the junction temperature of the diode is
175 °C.
To meet the test requirements (Tj < Tjmax) the following condition applies:
Pcond(Tjmax) < Pthermal (Tjmax)
With this condition the maximum forward voltage at Tjmax and 1.25 · Isc can be calculated
using Equation 18:
The STPS3045CG is compliant with the thermal test requirements since its
VFmax (8 A, 175 °C) = 0.31 V
The forward voltage (VF) of a Schottky diode is temperature dependent. VF decreases
linearly with temperature and can be calculated using the following:
Then:
VFmax (8 A, 175 °C) = -0.09 + 0.4 = 0.310 V:
Thermal
Thermal
) =
) = 3.33 W
175 °C
175 °C
(
(
P
P
(175 °C - 75 °C)
30
) <
) <
sc
F
F
·
,
I
(1.25 ·
(8 A,
V
V
(175 - 75)
30
max
max
175 °C
175 °C
1
1.25 · 6.4
0.417 V
) =
α
)
)
)
F
F
F
F
F
F
F
(8 A,
(8 A,
(8 A,
(8 A,
V
V
V
V
V
V
V
max
max
max
125 °C
125 °C
175 °C
125 °C
(175 - 125 °C) +
with
α
α
=
= -1.8 mV/°C
-
125 -25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com