Electronic Components Datasheet Search
  English  ▼

X  

AN3432 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3432
Description  How to choose a bypass diode for a silicon panel junction box
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3432 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3432 Datasheet HTML 14Page - STMicroelectronics AN3432 Datasheet HTML 15Page - STMicroelectronics AN3432 Datasheet HTML 16Page - STMicroelectronics AN3432 Datasheet HTML 17Page - STMicroelectronics AN3432 Datasheet HTML 18Page - STMicroelectronics AN3432 Datasheet HTML 19Page - STMicroelectronics AN3432 Datasheet HTML 20Page - STMicroelectronics AN3432 Datasheet HTML 21Page - STMicroelectronics AN3432 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Application constraints
AN3432
18/24
Doc ID 019041 Rev 1
3.2
Constraints linked with reliability test
3.2.1
Thermal test
This test is defined in EN61215 and in DIN V VDE V 0126-5:2008 in two steps as described
in Figure 14.
Figure 14.
Thermal test synopsis
Using Equation 17 and Equation 18 it is possible to evaluate if the requirements of EN61215
can be met.
Equation 17
To meet the test requirements (Tj < Tjmax) the following conditions apply:
Pcond(Tj) < Pthermal (Tj)
then the maximum forward voltage is
Equation 18
Incoming measurements
Measure V ,I ,V at
25 °C on by pass
diode
FR
R
Test junction box
@75 °C 1 hour,
I= I
d
sc
T>Tmax
jj
Failed ! The
junction box is
not qualified
T<Tmax
jj
Test junction box @75 °C
1hour, I =1.25 x I
dsc
Start
step 2
T>Tmax
jj
Failed ! The junction
box is not qualified
Diode still functions as a diode
compared with incoming
measurements
SUCCESS! JUNCTION BOX
MEETS THE REQUIREMENTS
T<Tmax
jj
Diode does
no function or
visual defect
Failed! The
junction box is
not qualified
Step 1
Step 2
I
sc
1.25 x I
sc
T
(
P
j
cond
sc
j
sc
F
I
)·
T
,
I
(1.25 ·
·1.25
V
)
=
j
cond
) =
T
(
P
(Tjmax - 75 °C)
Rth(j-a)
max
j
) <
T
sc
sc
F
·
,
I
(1.25 ·
V
(Tjmax - 75 °C)
Rth(j-a)
max
max
1
1.25 · I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com