Electronic Components Datasheet Search
  English  ▼

X  

UPD178024GF Datasheet(PDF) 22 Page - NEC

Part # UPD178024GF
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178024GF Datasheet(HTML) 22 Page - NEC

Back Button UPD178024GF Datasheet HTML 18Page - NEC UPD178024GF Datasheet HTML 19Page - NEC UPD178024GF Datasheet HTML 20Page - NEC UPD178024GF Datasheet HTML 21Page - NEC UPD178024GF Datasheet HTML 22Page - NEC UPD178024GF Datasheet HTML 23Page - NEC UPD178024GF Datasheet HTML 24Page - NEC UPD178024GF Datasheet HTML 25Page - NEC UPD178024GF Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
22
µPD178023, 178024
Data Sheet U14126EJ1V0DS00
Figure 3-5. Block Diagram of Watchdog Timer
OSTS2 OSTS1 OSTS0
WDCS2 WDCS1 WDCS0
RUN
WDTM4 WDTM3
Clock input
control circuit
Divided clock
select circuit
RUN
Divider circuit
fX/28
INTWDT
RESET
WDT mode signal
3
Watchdog timer clock
select register (WDCS)
Oscillation stabilization
time select register (OSTS)
Watchdog timer mode
register (WDTM)
Output
control
circuit
Division mode
select circuit
Internal bus
Internal bus
BEEP
CL02
BEEP
CL01
BEEP
CL00
BEEP0 clock select
register (BEEPCL0)
BEEP0/P36
1 kHz
1.5 kHz
3 kHz
4 kHz
Output latch
(P36)
PM36
Selector
3.4 Buzzer Output Control Circuit
The buzzer output frequency is selected as follows.
• BEEP0 ... 1 kHz/1.5 kHz/3 kHz/4 kHz
Figure 3-6. Block Diagram of Buzzer Output Control Circuit (BEEP0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com