Electronic Components Datasheet Search
  English  ▼

X  

UPD178024GF Datasheet(PDF) 12 Page - NEC

Part # UPD178024GF
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178024GF Datasheet(HTML) 12 Page - NEC

Back Button UPD178024GF Datasheet HTML 8Page - NEC UPD178024GF Datasheet HTML 9Page - NEC UPD178024GF Datasheet HTML 10Page - NEC UPD178024GF Datasheet HTML 11Page - NEC UPD178024GF Datasheet HTML 12Page - NEC UPD178024GF Datasheet HTML 13Page - NEC UPD178024GF Datasheet HTML 14Page - NEC UPD178024GF Datasheet HTML 15Page - NEC UPD178024GF Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
12
µPD178023, 178024
Data Sheet U14126EJ1V0DS00
1.2 Pins Other Than Port Pins
Pin Name
I/O
Function
At Reset
Shared by:
INTP0-INTP4
Input
External maskable interrupt input whose valid edge
Input
P00-P04
(rising edge, falling edge, or both rising and falling edges)
can be specified.
SI3
Input
Serial data input to serial interface.
Input
P70
SO3
Output
Serial data output from serial interface.
Input
P71
SDA0
I/O
Serial data input/output to/from
N-ch open drain I/O
Input
P76
serial interface.
SCK3
I/O
Serial clock input/output to/from serial interface.
Input
P72
SCL0
N-ch open drain I/O
P77
RXD0
Input
Serial data input to asynchronous serial interface (UART0).
Input
P74
TXD0
Output
Serial data output from asynchronous serial interface (UART0).
P75
TI50
Input
External count clock input to 8-bit timer (TM50).
Input
P33
TI51
External count clock input to 8-bit timer (TM51).
P34
TO50
Output
8-bit timer (TM50) output.
Low-level
P130
TO51
8-bit timer (TM51) output.
output
P131
BEEP0
Output
Buzzer output.
Input
P36
ANI0-ANI5
Input
Analog input to A/D converter.
Input
P10-P15
EO0, EO1
Output
Error out output from charge pump of PLL frequency
–
–
synthesizer.
VCOL
Input
Inputs local oscillation frequency of PLL (in HF and MF modes).
–
–
VCOH
Inputs local oscillation frequency of PLL (in VHF mode).
AMIFC
Input
Input to AM intermediate frequency counter.
Input
–
FMIFC
Input to FM or AM intermediate frequency counter.
RESET
Input
System reset input.
–
–
X1
Input
Connection of crystal resonator for system clock oscillation.
–
–
X2
–
––
REGOSC
–
Regulator for oscillator. Connect this pin to GND via 0.1-
µF–
–
capacitor.
REGCPU
–
Regulator for CPU power supply. Connect this pin to GND
–
–
via 0.1-
µF capacitor.
VDD
–
Positive power supply.
–
–
GND
–
Ground.
–
–
VDDPORT
–
Port power supply.
–
–
GNDPORT
–
Port ground.
–
–
VDDPLLNote
–
PLL positive power supply.
–
–
GNDPLLNote
–
PLL ground.
–
–
IC
–
Internally connected. Directly connect this pin to GND.
–
–
Note
Connect a capacitor of about 1000 pF between the VDDPLL and GNDPLL pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com