Electronic Components Datasheet Search
  English  ▼

X  

UPD178024GF Datasheet(PDF) 37 Page - NEC

Part # UPD178024GF
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178024GF Datasheet(HTML) 37 Page - NEC

Back Button UPD178024GF Datasheet HTML 33Page - NEC UPD178024GF Datasheet HTML 34Page - NEC UPD178024GF Datasheet HTML 35Page - NEC UPD178024GF Datasheet HTML 36Page - NEC UPD178024GF Datasheet HTML 37Page - NEC UPD178024GF Datasheet HTML 38Page - NEC UPD178024GF Datasheet HTML 39Page - NEC UPD178024GF Datasheet HTML 40Page - NEC UPD178024GF Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
37
µPD178023, 178024
Data Sheet U14126EJ1V0DS00
DC Characteristics (TA = –40 to +85
°C, VDD = 3.5 to 5.5 V) (2/2)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Low-level input
ILIL
P00-P06, P10-P15,
VIN = 0 V
–3
µA
leakage current
P30-P37, P40-P47,
P50-P57, P60-P67,
P70-P77, P120-P125,
RESET
Output off
ILOH1
P130-P132
VOUT = 15 V
–3
µA
leakage current
ILOL1
P130-P132
VOUT = 0 V
3
µA
ILOH2
P76, P77
VOUT = VDD
–3
µA
(at N-ch open drain I/O)
ILOL2
P76, P77
VOUT = 0 V
3
µA
(at N-ch open drain I/O)
ILOH3
EO0, EO1
VOUT = VDD
–3
µA
ILOL3
EO0, EO1
VOUT = 0 V
3
µA
Supply currentNote
IDD1
When CPU is operating and PLL is stopped.
4.0
20
mA
Sine wave input to X1 pin
At fX = 4.5 MHz
VIN = VDD
IDD2
In HALT mode with PLL stopped.
0.35
0.70
mA
Sine wave input to X1 pin
At fX = 4.5 MHz
VIN = VDD
Data retention
VDDR1
When crystal resonator is oscillating
3.5
5.5
V
voltage
VDDR2
When crystal oscillation is
Power-failure detection
2.2
V
stopped
function
VDDR3
Data memory retained
2.0
V
Data retention
IDDR1
When crystal oscillation is
TA = 25
°C,
2.0
4.0
µA
current
stopped
VDD = 5 V
IDDR2
2.0
20
µA
Note
Excluding AVDD current and VDDPLL current.
Remarks 1. fX: System clock oscillation frequency
2. Unless otherwise specified, the characteristics of a multiplexed pin are the same as those of the
corresponding port pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com