Electronic Components Datasheet Search
  English  ▼

X  

UPD178024GF Datasheet(PDF) 38 Page - NEC

Part # UPD178024GF
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178024GF Datasheet(HTML) 38 Page - NEC

Back Button UPD178024GF Datasheet HTML 34Page - NEC UPD178024GF Datasheet HTML 35Page - NEC UPD178024GF Datasheet HTML 36Page - NEC UPD178024GF Datasheet HTML 37Page - NEC UPD178024GF Datasheet HTML 38Page - NEC UPD178024GF Datasheet HTML 39Page - NEC UPD178024GF Datasheet HTML 40Page - NEC UPD178024GF Datasheet HTML 41Page - NEC UPD178024GF Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
38
µPD178023, 178024
Data Sheet U14126EJ1V0DS00
Reference Characteristics (TA = –40 to +85
°C, VDD = 4.5 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply current
IDD3
When CPU and PLL are operating.
8
mA
Sine wave input to VCOH pin
At fIN = 160 MHz
VIN = 0.15 VP-P
AC Characteristics
(1) Basic operation (TA = –40 to +85
°C, VDD = 3.5 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Cycle time
TCY
fX = 4.5 MHz
0.44
7.11
µs
(minimum instruction
execution time)
TI50, TI51 input
fTI5
2
MHz
frequency
TI50, TI51 input
tTIH5
200
ns
high-/low-level widths
tTIL5
Interrupt input
tINTH
INTP0-INTP4
1
µs
high-/low-level widths
tINTL
RESET pin
tRSL
10
µs
low-level width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com