Electronic Components Datasheet Search
  English  ▼

X  

UPD178024GF Datasheet(PDF) 10 Page - NEC

Part # UPD178024GF
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178024GF Datasheet(HTML) 10 Page - NEC

Back Button UPD178024GF Datasheet HTML 6Page - NEC UPD178024GF Datasheet HTML 7Page - NEC UPD178024GF Datasheet HTML 8Page - NEC UPD178024GF Datasheet HTML 9Page - NEC UPD178024GF Datasheet HTML 10Page - NEC UPD178024GF Datasheet HTML 11Page - NEC UPD178024GF Datasheet HTML 12Page - NEC UPD178024GF Datasheet HTML 13Page - NEC UPD178024GF Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
10
µPD178023, 178024
Data Sheet U14126EJ1V0DS00
CONTENTS
1.
PIN FUNCTION LIST ......................................................................................................................
11
1.1
Port Pins .................................................................................................................................
11
1.2
Pins Other Than Port Pins ...................................................................................................
12
1.3
I/O Circuits of Pins and Recommended Connections of Unused Pins .........................
13
2.
MEMORY SPACE ............................................................................................................................ 16
2.1
Memory Size Select Register (IMS) .................................................................................... 17
2.2
Internal Extension RAM Size Select Register (IXS) .........................................................
18
3.
FEATURES OF PERIPHERAL HARDWARE FUNCTIONS ..........................................................
19
3.1
Ports ........................................................................................................................................ 19
3.2
Clock Generation Circuit .....................................................................................................
20
3.3
Timers ..................................................................................................................................... 20
3.4
Buzzer Output Control Circuit ............................................................................................. 22
3.5
A/D Converter ........................................................................................................................
23
3.6
Serial Interface ......................................................................................................................
24
3.7
PLL Frequency Synthesizer ................................................................................................
26
3.8
Frequency Counter ............................................................................................................... 27
4.
INTERRUPT FUNCTION .................................................................................................................
28
5.
STANDBY FUNCTION .................................................................................................................... 31
6.
RESET FUNCTION ......................................................................................................................... 31
7.
INSTRUCTION SET ........................................................................................................................
32
8.
ELECTRICAL SPECIFICATIONS ...................................................................................................
35
9.
PACKAGE DRAWING ..................................................................................................................... 44
10. RECOMMENDED SOLDERING CONDITIONS .............................................................................
46
APPENDIX A. DEVELOPMENT TOOLS ............................................................................................. 47
APPENDIX B. RELATED DOCUMENTS ............................................................................................ 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com