Electronic Components Datasheet Search
  English  ▼

X  

UPD178024GF Datasheet(PDF) 46 Page - NEC

Part # UPD178024GF
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178024GF Datasheet(HTML) 46 Page - NEC

Back Button UPD178024GF Datasheet HTML 42Page - NEC UPD178024GF Datasheet HTML 43Page - NEC UPD178024GF Datasheet HTML 44Page - NEC UPD178024GF Datasheet HTML 45Page - NEC UPD178024GF Datasheet HTML 46Page - NEC UPD178024GF Datasheet HTML 47Page - NEC UPD178024GF Datasheet HTML 48Page - NEC UPD178024GF Datasheet HTML 49Page - NEC UPD178024GF Datasheet HTML 50Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
46
µPD178023, 178024
Data Sheet U14126EJ1V0DS00
10. RECOMMENDED SOLDERING CONDITIONS
Solder this product under the following recommended conditions.
For details of the recommended soldering conditions, refer to information document Semiconductor Device
Mounting Technology Manual (C10535E).
For soldering methods and conditions other than those recommended, consult NEC.
Table 10-1. Soldering Conditions for Surface-Mount Type
µPD178023GF-XXX-3B9: 80-pin plastic QFP (14 × 20 mm, 0.8-mm pitch)
µPD178024GF-XXX-3B9: 80-pin plastic QFP (14 × 20 mm, 0.8-mm pitch)
Soldering Method
Soldering Conditions
Recommended
Conditions Symbol
Infrared reflow
Package peak temperature: 235
°C, Time: 30 sec max. (210 °C min.), IR35-00-3
Number of times: 3 max.
VPS
Package peak temperature: 215
°C, Time: 40 sec max. (200 °C min.), VP15-00-3
Number of times: 3 max.
Wave soldering
Solder bath temperature: 260
°C max., Time: 10 sec max.,
WS60-00-1
Number of times: 1, Preheating temperature: 120
°C max.,
(Package surface temperature)
Partial heating
Pin temperature: 300
°C max., Time: 3 sec max (per device side)
–
Caution Do not use two or more soldering methods in combination (except partial heating).
µPD178023GC-XXX-8BT: 80-pin plastic QFP (14 × 14 mm, 0.65-mm pitch)
µPD178024GC-XXX-8BT: 80-pin plastic QFP (14 × 14 mm, 0.65-mm pitch)
Soldering Method
Soldering Conditions
Recommended
Conditions Symbol
Infrared reflow
Package peak temperature: 235
°C, Time: 30 sec max. (210 °C min.), IR35-00-2
Number of times: 2 max.
VPS
Package peak temperature: 215
°C, Time: 40 sec max. (200 °C min.), VP15-00-2
Number of times: 2 max.
Wave soldering
Solder bath temperature: 260
°C max., Time: 10 sec max.,
WS60-00-1
Number of times: 1, Preheating temperature: 120
°C max.,
(Package surface temperature)
Partial heating
Pin temperature: 300
°C max., Time: 3 sec max (per device side)
–
Caution Do not use two or more soldering methods in combination (except partial heating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com