Electronic Components Datasheet Search
  English  ▼

X  

UPD178024GF Datasheet(PDF) 20 Page - NEC

Part # UPD178024GF
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178024GF Datasheet(HTML) 20 Page - NEC

Back Button UPD178024GF Datasheet HTML 16Page - NEC UPD178024GF Datasheet HTML 17Page - NEC UPD178024GF Datasheet HTML 18Page - NEC UPD178024GF Datasheet HTML 19Page - NEC UPD178024GF Datasheet HTML 20Page - NEC UPD178024GF Datasheet HTML 21Page - NEC UPD178024GF Datasheet HTML 22Page - NEC UPD178024GF Datasheet HTML 23Page - NEC UPD178024GF Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
20
µPD178023, 178024
Data Sheet U14126EJ1V0DS00
3.2 Clock Generation Circuit
The instruction execution time can be changed as follows:
• 0.45
µs/0.89 µs/1.78 µs/3.56 µs/7.11 µs (system clock: 4.5-MHz crystal resonator)Note
Figure 3-1. Block Diagram of Clock Generation Circuit
3.3 Timers
Four timer channels are provided.
• Basic timer
: 1 channel
• 8-bit timer/event counter
: 2 channels
• Watchdog timer
: 1 channel
Figure 3-2. Block Diagram of Basic Timer
System
clock
oscillator
X2
X1
STOP
00
00
PCC2 PCC1
Internal bus
Standby
control
circuit
2
fX
2
2
fX
2
3
fX
2
4
fX
Prescaler
Clock to other than
peripheral hardware
Prescaler
fX
CPU clock
(fCPU)
Wait
control
circuit
Processor clock control register (PCC)
PCC0
3
0
Divider circuit
4.5 MHz
INTBTM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com