Electronic Components Datasheet Search
  English  ▼

X  

UPD178024GF Datasheet(PDF) 36 Page - NEC

Part # UPD178024GF
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178024GF Datasheet(HTML) 36 Page - NEC

Back Button UPD178024GF Datasheet HTML 32Page - NEC UPD178024GF Datasheet HTML 33Page - NEC UPD178024GF Datasheet HTML 34Page - NEC UPD178024GF Datasheet HTML 35Page - NEC UPD178024GF Datasheet HTML 36Page - NEC UPD178024GF Datasheet HTML 37Page - NEC UPD178024GF Datasheet HTML 38Page - NEC UPD178024GF Datasheet HTML 39Page - NEC UPD178024GF Datasheet HTML 40Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
36
µPD178023, 178024
Data Sheet U14126EJ1V0DS00
DC Characteristics (TA = –40 to +85
°C, VDD = 3.5 to 5.5 V) (1/2)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
High-level input
VIH1
P10-P15, P30-P32, P35-P37, P40-P47, P50-P57,
0.7 VDD
VDD
V
voltage
P60-P67, P71, P73, P120-P125
VIH2
P00-P06, P33, P34, P70, P72, P74-P75, RESET
0.8 VDD
VDD
V
VIH3
P76, P77
4.5 V
≤ VDD ≤ 5.5 V
0.7 VDD
VDD
V
(N-ch open-drain I/O)
Low-level input
VIL1
P10-P15, P30-P32, P35-P37, P40-P47, P50-P57,
0
0.3 VDD
V
voltage
P60-P67, P71, P73, P120-P125
VIL2
P00-P06, P33, P34, P70, P72, P74-P75, RESET
0
0.2 VDD
V
VIL3
P76, P77
4.5 V
≤ VDD ≤ 5.5 V
0
0.3 VDD
V
(N-ch open-drain I/O)
High-level output
VOH1
P00-P06, P30-P37,
4.5 V
≤ VDD ≤ 5.5 V,
VDD – 1.0
V
voltage
P40-P47, P50-P57,
IOH = –1 mA
P60-P67, P70-P77,
3.5 V
≤ VDD < 4.5 V,
VDD – 0.5
V
P120-P125
IOH = –100
µA
VOH2
EO0, EO1
VDD = 4.5 to 5.5 V,
VDD – 1.0
V
IOH = –3 mA
Low-level output
VOL1
P00-P06, P30-P37,
4.5 V
≤ VDD ≤ 5.5 V,
1.0
V
voltage
P40-47, P50-57, P60-P67,
IOL = 1 mA
P70-P75, P120-P125
3.5 V
≤ VDD < 4.5 V,
0.5
V
IOL = 100
µA
VOL2
EO0, EO1
VDD = 4.5 to 5.5 V,
1.0
IOL = 3 mA
VOL3
P76, P77
4.5 V
≤ VDD ≤ 5.5 V
0.4
V
(N-ch open-drain I/O)
IOL = 3 mA
4.5 V
≤ VDD ≤ 5.5 V
0.6
V
IOL = 6 mA
High-level input
ILH
P00-P06, P10-P15,
VIN = VDD
3
µA
leakage current
P30-P37, P40-P47,
P50-P57, P60-P67,
P70-P77, P120-P125,
RESET
Remark Unless otherwise specified, the characteristics of a multiplexed pin are the same as those of the
corresponding port pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com