Electronic Components Datasheet Search
  English  ▼

X  

AN2042 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2042
Description  brightness LEDs with VIPer22A-E
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2042 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2042 Datasheet HTML 2Page - STMicroelectronics AN2042 Datasheet HTML 3Page - STMicroelectronics AN2042 Datasheet HTML 4Page - STMicroelectronics AN2042 Datasheet HTML 5Page - STMicroelectronics AN2042 Datasheet HTML 6Page - STMicroelectronics AN2042 Datasheet HTML 7Page - STMicroelectronics AN2042 Datasheet HTML 8Page - STMicroelectronics AN2042 Datasheet HTML 9Page - STMicroelectronics AN2042 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Light emitting diode and colour vision
AN2042
6/30
Figure 2.
The electromagnetic spectrum and visible region of light
The red extreme of the visible spectrum, 700 nm, requires an energy release of 1.77 eV to
provide the quantum energy of the photon. At the other extreme, 400 nm in the violet, 3.1 eV
is required.
The human vision efficacy is not constant in the entire visible region, but decreases near the
edges, as shown in Figure 3 featuring a peak value for a wavelength of 555 nm (green-
yellow).
Figure 3.
Human relative vision curve
Wavelength can be defined in terms of dominant wavelength and x-y chromaticity
coordinates, which define the color as perceived by the human eye. The dominant
wavelength is derived from the C.I.E.
(Commission Internationale de l'Eclairage - International Commission on Illumination)
Chromaticity Diagram, as shown in Figure 4 This is an international standard for primary
colors established in 1931. Based on the fact that the human eye is able to separately sense
three different portions of the spectrum (we identify these peak sensitivities as red, green
and blue), the eyes response is best described in terms of such primary colors. All the other
colors are defined as weighted sum of them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com