Electronic Components Datasheet Search
  English  ▼

X  

AN2042 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2042
Description  brightness LEDs with VIPer22A-E
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2042 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2042 Datasheet HTML 1Page - STMicroelectronics AN2042 Datasheet HTML 2Page - STMicroelectronics AN2042 Datasheet HTML 3Page - STMicroelectronics AN2042 Datasheet HTML 4Page - STMicroelectronics AN2042 Datasheet HTML 5Page - STMicroelectronics AN2042 Datasheet HTML 6Page - STMicroelectronics AN2042 Datasheet HTML 7Page - STMicroelectronics AN2042 Datasheet HTML 8Page - STMicroelectronics AN2042 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
AN2042
Light emitting diode and colour vision
5/30
2
Light emitting diode and colour vision
Light-emitting diodes (LEDs) used for illumination are solid-state devices that produce light
by passing electric current across layers of semiconductor chips that are housed in a
reflector, which in turn is encased in an epoxy lens. The semiconductor material determines
the wavelength and subsequent color of the light. The lens converts the LED into a
multidirectional or unidirectional light source based on specification.
The first generation of LED was based on Gallium Arsenide (GaAs), Gallium Arsenide
Phosphide (GaAsP), Gallium Phosphide (GaP) technology, but thanks to the growth of solid
state technology, new structures have been introduced based on Aluminum Indium Gallium
Phosphide (AlInGaP), Indium Gallium Nitride (InGaN) or Gallium Aluminum Arsenide
(AlGaAs), mainly for the high brightness LEDs branch.
In Figure 1 the basic LED structure and the energy bands are shown.
Figure 1.
Light emitting diode structure
The junction in an LED is forward biased and when electrons cross the junction from the n to
the p type material, the electron-hole recombination results in a process called
electroluminescence: when the applied voltage drives the electrons and holes into the active
region between the n-type and p-type material, the energy can be converted into infrared or
visible photons. This implies that the electron-hole pair drops into a stabler bound state,
releasing energy on the order of electron volts by emission of a photon of energy, according
to (Equation 1).
Equation 1
The human eye is excited in response to electromagnetic radiations with wavelengths in a
tight range of the electromagnetic spectrum, as shown in Figure 2, from 400 nm to 700 nm
which corresponds to extreme red and violet respectively.
E
g
h
c
υ
h
c
λ
-----
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com