Electronic Components Datasheet Search
  English  ▼

X  

AN2042 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2042
Description  brightness LEDs with VIPer22A-E
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2042 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2042 Datasheet HTML 1Page - STMicroelectronics AN2042 Datasheet HTML 2Page - STMicroelectronics AN2042 Datasheet HTML 3Page - STMicroelectronics AN2042 Datasheet HTML 4Page - STMicroelectronics AN2042 Datasheet HTML 5Page - STMicroelectronics AN2042 Datasheet HTML 6Page - STMicroelectronics AN2042 Datasheet HTML 7Page - STMicroelectronics AN2042 Datasheet HTML 8Page - STMicroelectronics AN2042 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Light sources
AN2042
4/30
1
Light sources
Incandescent lights are basically electric space heaters that give off light as a by-product.
They are very inefficient, wasting most of the power they consume as heat.
An innovative light source is represented by LED technology, with very low power
consumption and virtually no heating effect, making LEDs ideal for several domestic and
commercial applications.
The long lifetime characteristic of LEDs means savings on maintenance costs. Unlike
traditional light sources, LEDs are not subject to sudden failure or burnout. Since LED based
light sources last at least 10 times longer than a normal light source (up to 10 years or
100.000 hours for the higher quality products), it is possible to reduce or eliminate the
maintenance ongoing costs.
This can be useful in many critical applications where the location makes replacement
difficult (radio tower, aircraft warning lights, bridge and tunnel lights…) or in applications
where a failure of the light source is not acceptable (emergency exit lights, back up lighting,
security lighting…).
LED lighting technology features many advantages compared to conventional lighting:
●
Higher energy efficiency, in terms of lumens per watt;
●
Direct light beam for increasing system performance;
●
Dynamic color control technology;
●
Full dimmable without color variation;
●
No mercury and no UV or heat in light beam;
●
Low voltage operation, suitable for safety purpose in SELV systems.
The most important limitation for using high brightness LEDs is the manufacturing cost,
which is still relatively high.
In Table 1 a comparison between traditional light sources and a typical commercial LED is
shown.
Table 1.
Performance of typical light sources compared with white Luxeon LEDs
Lighting source
Luminous efficiency
(lm/W)
Lifetime (hours)
Theoretical optical
power (min and max)
Incandescent bulbs
18 ÷ 25
1000 – 2000
15 – 1000 W
Halogen lamps
15 – 25
2000 – 5000
5 – 2000 W
Fluorescent lamps
60 – 110
14000 – 20000
4 – 60 W
Mercury lamps
15 – 60
12000 – 24000
50 – 1000 W
LEDs (white luxeon)
25
100000
0.7 – 5 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com