Electronic Components Datasheet Search
  English  ▼

X  

AN2042 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2042
Description  brightness LEDs with VIPer22A-E
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2042 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2042 Datasheet HTML 3Page - STMicroelectronics AN2042 Datasheet HTML 4Page - STMicroelectronics AN2042 Datasheet HTML 5Page - STMicroelectronics AN2042 Datasheet HTML 6Page - STMicroelectronics AN2042 Datasheet HTML 7Page - STMicroelectronics AN2042 Datasheet HTML 8Page - STMicroelectronics AN2042 Datasheet HTML 9Page - STMicroelectronics AN2042 Datasheet HTML 10Page - STMicroelectronics AN2042 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
AN2042
Commercial LEDs
7/30
Figure 4.
C.I.E. chromaticity diagram
3
Commercial LEDs
In the last years, light emitting diodes can be chosen from a wide variety of products
designed to meet specific needs to provide more efficient, longer life time alternatives to
traditional incandescent lamps.
They are manufactured of GaN and related compounds of AlGaN and InGaN due to the
wide bandgap, which allows emission of light ranging from the red to the ultraviolet (UV)
wavelength. Blue and green LEDs are of special interest and are being used in a wide range
of applications from outdoor video displays to automotive and cell phone backlights. LEDs
for solid-state white lighting offer high efficiency, long lifetime and a high degree of design
flexibility for a variety of lighting applications.
Thanks to new solid state technology, it now delivers from 25 to more then 120 lm/W in white
and comparable light output in other colors. In Table 2 are listed the main specifications for
typical commercial high efficiency LEDs are listed, while Figure 5 shows a typical V-I
characteristic for a high efficiency LED.
Table 2.
Typical characteristic for commercial LEDs (from Luxeon)
Color
Operating
voltage (V)
Operative forward current
(mA)
Dominant wavelength/
color temperature
Typical luminous flux (lm)
White
3.42
350
5500 K
18
Blue
3.42
350
470 nm
5
Cyan
3.42
350
505 nm
30
Green
3.42
350
530 nm
25
Amber
2.85
350
590 nm
20
Red
2.85
350
625 nm
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com