Electronic Components Datasheet Search
  English  ▼

X  

AN2042 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2042
Description  brightness LEDs with VIPer22A-E
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2042 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2042 Datasheet HTML 1Page - STMicroelectronics AN2042 Datasheet HTML 2Page - STMicroelectronics AN2042 Datasheet HTML 3Page - STMicroelectronics AN2042 Datasheet HTML 4Page - STMicroelectronics AN2042 Datasheet HTML 5Page - STMicroelectronics AN2042 Datasheet HTML 6Page - STMicroelectronics AN2042 Datasheet HTML 7Page - STMicroelectronics AN2042 Datasheet HTML 8Page - STMicroelectronics AN2042 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
March 2007
Rev 4
1/30
AN2042
Application note
VIPower: dimmable driver for high
brightness LEDs with VIPer22A-E
Introduction
This application note introduces an innovative solution to drive high brightness 1W LEDs
(Light Emitting Diode), using VIPer22A-E in flyback configuration with output current control.
The power supply is able to drive an array of 1 to 8 LEDs in European range, i.e. 185-265
VAC with no modifications. By means of an input voltage doubler, it is possible to use the
same VIPer device also in U.S. input voltage range, guaranteeing the specs. A new control
technique is used to adjust the duty cycle of the output current, in order to dim the luminosity
of the LEDs down to 10% of the maximum value (patent pending by STMicroelectronics).
The proposed driver can be suitably used in applications such as landscape lighting, street
lighting, car parks, bollards, garden lighting, large area displays and so on.
Also domestic applications such as room lighting, decorative fixtures and architectural
lighting can benefit from the advantage of this dimmable light source.
10W Dimmable LEDs driver board layout
www.st.com


Similar Part No. - AN2042

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN204 SILABS-AN204 Datasheet
945Kb / 12P
PROSLIC짰 WINDOWS짰 GUI SOFTWARE USERs GUIDE
logo
STMicroelectronics
AN2044 STMICROELECTRONICS-AN2044 Datasheet
57Kb / 9P
OPERATING PRINCIPALS FOR PRACTISPIN
Sep-2004
AN2046 STMICROELECTRONICS-AN2046 Datasheet
411Kb / 19P
STR71X CLOCK CONFIGURATIONS EASY SETUP
Rev. 2
AN2048 STMICROELECTRONICS-AN2048 Datasheet
620Kb / 13P
STMicroelectronics has been strongly
06-Feb-2008
More results

Similar Description - AN2042

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-512 ROHM-SML-512 Datasheet
75Kb / 3P
Ultra high brightness chip LEDs
SML-212 ROHM-SML-212 Datasheet
70Kb / 3P
Ultra high brightness chip LEDs
SML-01 ROHM-SML-01 Datasheet
349Kb / 3P
High Brightness Type Chip LEDs with reflector
SMLV56 ROHM-SMLV56 Datasheet
137Kb / 4P
High Brightness Tri-Color LEDs
SMLV56 ROHM-SMLV56_11 Datasheet
1Mb / 4P
High Brightness Tri-Color LEDs
logo
STMicroelectronics
STEVAL-ILL006V1 STMICROELECTRONICS-STEVAL-ILL006V1 Datasheet
78Kb / 4P
VIPer22A-E off line, constant current driver for high intensity LEDs
13-Nov-2007
logo
Rohm
SMLVN6RGB1W ROHM-SMLVN6RGB1W Datasheet
934Kb / 10P
High Brightness Tri-Color LEDs
SML-511 ROHM-SML-511 Datasheet
68Kb / 3P
High brightness LEDs
SMLVN6RGB1U1 ROHM-SMLVN6RGB1U1 Datasheet
923Kb / 11P
High Brightness Tri-Color LEDs
SMLVN6RGB7W ROHM-SMLVN6RGB7W Datasheet
611Kb / 10P
High Brightness Tri-Color LEDs
2020.4- Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com