Electronic Components Datasheet Search
  English  ▼

X  

AN2042 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2042
Description  brightness LEDs with VIPer22A-E
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2042 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2042 Datasheet HTML 21Page - STMicroelectronics AN2042 Datasheet HTML 22Page - STMicroelectronics AN2042 Datasheet HTML 23Page - STMicroelectronics AN2042 Datasheet HTML 24Page - STMicroelectronics AN2042 Datasheet HTML 25Page - STMicroelectronics AN2042 Datasheet HTML 26Page - STMicroelectronics AN2042 Datasheet HTML 27Page - STMicroelectronics AN2042 Datasheet HTML 28Page - STMicroelectronics AN2042 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
AN2042
Non dimmable version
25/30
9
Non dimmable version
A lower cost solution is introduced as shown in Figure 33, if the dimming function is not
required. In this case the TSM104 used for the dimming control is replaced by the simpler
TSM1011 and the brown-out circuit is not necessary anymore during the switch off of the
circuit. No other changes need to be introduced neither the transformer specifications nor
the voltage and current thresholds have to be changed.
The dimming control section is eliminated and the TSM104 is replaced by the simplest
TSM1011. Moreover, the brownout circuit is not necessary during the switch off. The same
rules to design to define the transformer specifications and voltage and current thresholds
are still valid.
Figure 33.
Non dimmable solution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com