Electronic Components Datasheet Search
  English  ▼

X  

AN2042 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2042
Description  brightness LEDs with VIPer22A-E
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2042 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2042 Datasheet HTML 1Page - STMicroelectronics AN2042 Datasheet HTML 2Page - STMicroelectronics AN2042 Datasheet HTML 3Page - STMicroelectronics AN2042 Datasheet HTML 4Page - STMicroelectronics AN2042 Datasheet HTML 5Page - STMicroelectronics AN2042 Datasheet HTML 6Page - STMicroelectronics AN2042 Datasheet HTML 7Page - STMicroelectronics AN2042 Datasheet HTML 8Page - STMicroelectronics AN2042 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
AN2042
List of figures
3/30
List of figures
Figure 1.
Light emitting diode structure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
The electromagnetic spectrum and visible region of light . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
Human relative vision curve . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
C.I.E. chromaticity diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 5.
Forward current vs. forward voltage in a typical commercial LEDs . . . . . . . . . . . . . . . . . . . 8
Figure 6.
PWM technique for dimming. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 7.
Brightness variation versus duty cycle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 8.
Dimming technique using series switch . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 9.
Dimming technique using the new methodology . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 10.
New dimming technique: typical waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 11.
Converter schematic for European input voltage range . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 12.
Transformer features: (a) schematic, (b) mechanical characteristics and (c) pinout . . . . . 17
Figure 13.
VDS and ID at 230 VAC: 1 LED . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 14.
VDS and ID at 230 VAC: 8 LEDs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 15.
Typical waveforms: drain voltage and output current ripple at 230 VAC . . . . . . . . . . . . . . . 19
Figure 16.
Typical waveforms: startup at 265 VAC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 17.
Drain voltage VDS and output current IOUT: 1 LED . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 18.
Drain voltage VDS and output current IOUT: 8 LEDs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 19.
Drain voltage VDS and output current IOUT at 50% dimming: 1 LED . . . . . . . . . . . . . . . . . 20
Figure 20.
Drain voltage VDS and output current IOUT at 50% dimming: 8 LEDs . . . . . . . . . . . . . . . . 20
Figure 21.
Drain voltage VDS and output current IOUT at 10% dimming: 1 LED . . . . . . . . . . . . . . . . . 20
Figure 22.
Drain voltage VDS and output current IOUT at 10% dimming: 8 LEDs . . . . . . . . . . . . . . . . 20
Figure 23.
Control signals at 230 VAC: 1 LED . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 24.
Control signals at 230 VAC: 8 LEDs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 25.
Control stage at 230 VAC: 1 LED . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 26.
Control stage at 230 VAC: 8 LEDs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 27.
Open load condition at 230 VAC: no dimming. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 28.
Open load condition at 230 VAC: minimum dimming . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 29.
Efficiency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 30.
PCB layout (not in scale) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 31.
Conducted emissions at full load: line 1 emissions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 32.
Conducted emissions at full load: line 2 emissions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 33.
Non dimmable solution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 34.
Application circuit for U.S. input voltage range: changes on the input section . . . . . . . . . . 26
Figure 35.
STEVAL-ILL001V1 Schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com