Electronic Components Datasheet Search
  English  ▼

X  

AN2042 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2042
Description  brightness LEDs with VIPer22A-E
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2042 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2042 Datasheet HTML 13Page - STMicroelectronics AN2042 Datasheet HTML 14Page - STMicroelectronics AN2042 Datasheet HTML 15Page - STMicroelectronics AN2042 Datasheet HTML 16Page - STMicroelectronics AN2042 Datasheet HTML 17Page - STMicroelectronics AN2042 Datasheet HTML 18Page - STMicroelectronics AN2042 Datasheet HTML 19Page - STMicroelectronics AN2042 Datasheet HTML 20Page - STMicroelectronics AN2042 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
AN2042
Application description
17/30
Figure 12.
Transformer features: (a) schematic, (b) mechanical characteristics and
(c) pinout
Table 5.
Transformer specifications
Parameters
Value
Ferrite
PC40EF16
Core geometry
E16
Primary inductance
2.0 mH±12%
Leakage inductance
60 µH max
NP
135 turns – AWG 35
NAUX1
9 turns – AWG 35
NAUX2
5 turns – AWG 29
NSEC
36 turns – AWG 29
a
b
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com