Electronic Components Datasheet Search
  English  ▼

X  

AN2690 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 7Page - STMicroelectronics AN2690 Datasheet HTML 8Page - STMicroelectronics AN2690 Datasheet HTML 9Page - STMicroelectronics AN2690 Datasheet HTML 10Page - STMicroelectronics AN2690 Datasheet HTML 11Page - STMicroelectronics AN2690 Datasheet HTML 12Page - STMicroelectronics AN2690 Datasheet HTML 13Page - STMicroelectronics AN2690 Datasheet HTML 14Page - STMicroelectronics AN2690 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
AN2690
Functional check
11/31
3
Functional check
Figure 6 and 7 show some flyback waveforms during steady state operation. At nominal
load conditions, the L6566A switching frequency has been set to 60 kHz in order to obtain
good efficiency and limit the conducted EMI. The graphs show the L6563 TBO function,
setting different PFC output voltage according to the mains input voltage.
Standby and no-load operation
Figure 8 and 9 show some no-load waveforms. As shown, the L6566A works in burst mode.
When the feedback voltage at pin COMP falls below 2.85 V (typical), the IC is disabled and
its consumption is reduced. The chip is re-enabled as the voltage on pin COMP rises again
over this threshold. Additionally, in order to get the best efficiency, during light-load operation
the PFC stage is turned off. In fact when the voltage on pin COMP falls below the burst
mode threshold, the L6566A pin #6 (Vcc_PFC) supplying the PFC controller is opened. Thus
the residual consumption of the PFC control circuitry is minimized to a negligible level.
Whenever the IC is shut down, either latched or not, the Vcc_PFC pin is open as well. To
avoid undesired PFC turn-off during load transitions, Vcc_PFC is opened 10 msec after the
flyback stops switching.
Figure 6.
EVL6566-75WADP flyback stage
waveforms at 115 V - 60 Hz - full
load
Figure 7.
EVL6566-75WADP flyback stage
waveforms at 230 V - 50 Hz - full
load
CH1: Drain voltage
CH2: CS pin voltage
CH3: Gate voltage
CH4: PFC output voltage
CH1: Drain voltage
CH2: CS pin voltage
CH3: Gate voltage
CH4: PFC output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com