Electronic Components Datasheet Search
  English  ▼

X  

AN2690 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 15Page - STMicroelectronics AN2690 Datasheet HTML 16Page - STMicroelectronics AN2690 Datasheet HTML 17Page - STMicroelectronics AN2690 Datasheet HTML 18Page - STMicroelectronics AN2690 Datasheet HTML 19Page - STMicroelectronics AN2690 Datasheet HTML 20Page - STMicroelectronics AN2690 Datasheet HTML 21Page - STMicroelectronics AN2690 Datasheet HTML 22Page - STMicroelectronics AN2690 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
AN2690
Functional check
19/31
Figure 20.
Flyback open loop - restart option 230 Vac 50 Hz - half load
Table 3 gives the output voltage at OVP intervention. The measures therefore demonstrate
that, as previously explained, the L6566A sensing technique provides a very stable OVP
intervention threshold over the entire mains voltage and load ranges.
Table 3.
Output voltage at OVP intervention vs. input voltage and output power
Input voltage
Output power
Output voltage at OVP intervention
115 V
75 W
20.21 V
115 V
35 W
20.19 V
115 V
0 W
20.21 V
230 V
75 W
20.22 V
230 V
35 W
20.20 V
230 V
0 W
20.22 V
CH1: VFF voltage
CH2: Vcc
CH3: ZCD voltage
CH4: Output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com