Electronic Components Datasheet Search
  English  ▼

X  

AN2690 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 8Page - STMicroelectronics AN2690 Datasheet HTML 9Page - STMicroelectronics AN2690 Datasheet HTML 10Page - STMicroelectronics AN2690 Datasheet HTML 11Page - STMicroelectronics AN2690 Datasheet HTML 12Page - STMicroelectronics AN2690 Datasheet HTML 13Page - STMicroelectronics AN2690 Datasheet HTML 14Page - STMicroelectronics AN2690 Datasheet HTML 15Page - STMicroelectronics AN2690 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Functional check
AN2690
12/31
In Figure 10 and 11 the transitions from full load to no load and vice versa at maximum input
voltage have been checked. The maximum input voltage has been chosen because it is the
most critical input voltage for transition. In fact at no load the burst pulses have the lower
repetition frequency and the Vcc could drop, causing restart cycles of the controller. As
shown in the graphs, both transitions are clean and there isn't any output voltage or Vcc dip,
or restarting attempt that could affect the proper power supply operation.
Figure 8.
EVL6566-75WADP no-load
operation waveforms at 90 V-60 Hz
Figure 9.
EVL6566-75WADP no-load
operation waveforms at 265 V-50 Hz
CH1: Drain voltage
CH2: Vcc
CH3: COMP pin voltage
CH1: Drain voltage
CH2: Vcc
CH3: COMP pin voltage
Figure 10.
EVL6566-75WADP transition full
load to no load at 265 Vac-50 Hz
Figure 11.
EVL6566-75WADP transition no
load to full load at 265 Vac-50 Hz
CH1: Drain voltage
CH2: Vcc
CH3: Output voltage
CH4: Output current
CH1: Drain voltage
CH2: Vcc
CH3: Output voltage
CH4: Output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com