Electronic Components Datasheet Search
  English  ▼

X  

AN2690 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 16Page - STMicroelectronics AN2690 Datasheet HTML 17Page - STMicroelectronics AN2690 Datasheet HTML 18Page - STMicroelectronics AN2690 Datasheet HTML 19Page - STMicroelectronics AN2690 Datasheet HTML 20Page - STMicroelectronics AN2690 Datasheet HTML 21Page - STMicroelectronics AN2690 Datasheet HTML 22Page - STMicroelectronics AN2690 Datasheet HTML 23Page - STMicroelectronics AN2690 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Thermal map
AN2690
20/31
4
Thermal map
In order to check the design reliability, a thermal mapping by means of an IR camera was
done. Figure 21 and 22 show the thermal measures of the board, component side, at
nominal input voltage. Some pointers visible on the pictures have been placed across key
components or components showing high temperature. The ambient temperature during
both measurements was 27 °C. All other components of the board are working within the
temperature limits, assuring a reliable long-term operation of the power supply.
Figure 21.
Thermal map at 115 Vac - 60 Hz - full load
Figure 22.
Thermal map at 230 Vac- 50 Hz - full load
Table 4.
Thermal maps reference points
Point
Reference
Description
A
D2
Bridge rectifier
B
Q2
PFC switch
C
R1
NTC resistor
D
D4
Flyback transformer clamping transil
E
Q5
Flyback switch
F
T1
Flyback power transformer
G
D5
Output diodes
H
L1
Input common mode filtering inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com