Electronic Components Datasheet Search
  English  ▼

X  

AN2690 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 23Page - STMicroelectronics AN2690 Datasheet HTML 24Page - STMicroelectronics AN2690 Datasheet HTML 25Page - STMicroelectronics AN2690 Datasheet HTML 26Page - STMicroelectronics AN2690 Datasheet HTML 27Page - STMicroelectronics AN2690 Datasheet HTML 28Page - STMicroelectronics AN2690 Datasheet HTML 29Page - STMicroelectronics AN2690 Datasheet HTML 30Page - STMicroelectronics AN2690 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
AN2690
PFC coil specification
27/31
Mechanical aspect and pin numbering
●
Maximum height from PCB: 20 mm
●
COIL former type: vertical, 5+3 pins
●
Pins #1, 2, 4, 7 are removed
●
External copper shield: not insulated, wound around the ferrite core and including the
coil former. Height is 7 mm. Connected to pin #3 by a solid wire.
Figure 26.
PFC coil mechanical aspect
●
A: 27.0 max mm
●
B1: 3.0 ± 0.3 mm
●
B2: 5.0 ± 0.3 mm
●
C: 3.3 ± 0.3 mm
●
D: 19.0 max mm
●
E: 21.0 ± 0.5 mm
●
F: 23.7 ± 0.5 mm
25CQ -TXX
TDK
○
□ □□ □
15
1
5
6
8
15
6
8
A
D
C
F E
B1B1B1 B1
B2
B2
φ0. 6x8
1. External COPPER sheet
(0.025x7 mm)
2. Mylar tape - 1 turn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com