Electronic Components Datasheet Search
  English  ▼

X  

AN2690 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 14Page - STMicroelectronics AN2690 Datasheet HTML 15Page - STMicroelectronics AN2690 Datasheet HTML 16Page - STMicroelectronics AN2690 Datasheet HTML 17Page - STMicroelectronics AN2690 Datasheet HTML 18Page - STMicroelectronics AN2690 Datasheet HTML 19Page - STMicroelectronics AN2690 Datasheet HTML 20Page - STMicroelectronics AN2690 Datasheet HTML 21Page - STMicroelectronics AN2690 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Functional check
AN2690
18/31
If R37 is shorted, the impedance externally connected to pin #15 (VFF) is lower and the
voltage in case of OVP cannot reach the 5+2VBE threshold so the L6566A restarts after the
Vcc has dropped below 5 V. In case of L6566A OVP intervention, the L6563 operation is
stopped too because the L6566A stops the PFC via the Vcc_PFC pin.
In Figure 18 it is also possible to note that the signal at ZCD pin has on the leading edge the
typical spike at MOSFET turn-off due to the transformer leakage inductance. Thanks to the
digital circuitry integrated in the L6566A it doesn't influence the correct behavior of the IC. In
fact an internal 2
µs (typ.) blanking time at MOSFET turn-off delays the sampling (0.5 µs) of
the signal that in that region is clean and therefore perfectly linked to the output voltage.
Additionally, to improve the immunity against temporary disturbances (needed for example
in case of immunity tests), an internal logic activates the protection after the OVP has been
detected for 4 consecutive switching cycles.
Figure 18.
Flyback open loop at 230 Vac-50 Hz
- half load
Figure 19.
Flyback open loop at 230 Vac-50 Hz
- half load
CH1: VFF voltage
CH2: Vcc
CH3: ZCD voltage
CH4: Output voltage
CH1: VFF voltage
CH2: Vcc
CH3: ZCD voltage
CH4: Output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com