Electronic Components Datasheet Search
  English  ▼

X  

AN2690 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 20Page - STMicroelectronics AN2690 Datasheet HTML 21Page - STMicroelectronics AN2690 Datasheet HTML 22Page - STMicroelectronics AN2690 Datasheet HTML 23Page - STMicroelectronics AN2690 Datasheet HTML 24Page - STMicroelectronics AN2690 Datasheet HTML 25Page - STMicroelectronics AN2690 Datasheet HTML 26Page - STMicroelectronics AN2690 Datasheet HTML 27Page - STMicroelectronics AN2690 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Bill of material (BOM)
AN2690
24/31
R6
680 k
Ω
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
VISHAY
R7
3M3
SMD standard film res - 1/4 W - 1% - 100 ppm/°C
VISHAY
R8
75 k
Ω
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
VISHAY
R9
75 k
Ω
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
VISHAY
R10
33 k
Ω
SFR25 axial stand. film res - 0.4 W - 1% - 100 ppm/°C
VISHAY
R11
2M2
SFR25 axial stand. film res - 0.4 W - 1% - 100 ppm/°C
VISHAY
R12
3M3
SMD standard film res - 1/4 W - 1% - 100 ppm/°C
VISHAY
R14
3R9
SMD standard film res - 1/4 W - 5% - 250 ppm/°C
VISHAY
R15
100 k
Ω
SMD standard film res - 1/4 W - 1% - 100 ppm/°C
VISHAY
R17
62 k
Ω
SMD standard film res - 1/8 W - 5% - 250 ppm/°C
VISHAY
R18
51 k
Ω
SMD standard film res - 1/4 W - 5% - 250 ppm/°C
VISHAY
R19
3K0
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
VISHAY
R22
R015
SMD film res 1 W - 2512 MSR1
MEGGIT
R23
27
Ω
SMD standard film res - 1/4 W - 5% - 250 ppm/°C
VISHAY
R24
100 k
Ω
SMD standard film res - 1/8 W - 5% - 250 ppm/°C
VISHAY
R25
470
Ω
SFR25 axial stand. film res - 0.4 W - 5% - 250 ppm/°C
VISHAY
R26
0R0
SMD standard film res - 1/4 W - 5% - 250 ppm/°C
VISHAY
R27
0R33
SFR25 axial stand. film res - 0.4 W - 5% - 250 ppm/°C
VISHAY
R28
680 k
Ω
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
VISHAY
R30
22 k
Ω
SMD standard film res - 1/4 W - 5% - 250 ppm/°C
VISHAY
R31
39 k
Ω
SMD standard film res - 1/4 W - 5% - 250 ppm/°C
VISHAY
R32
15 k
Ω
SMD standard film res - 1/4 W - 5% - 250 ppm/°C
VISHAY
R33
0R0
SMD standard film res - 1/4 W - 5% - 250 ppm/°C
VISHAY
R34
390 k
Ω
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
VISHAY
R35
2R7
SMD standard film res - 1/8 W - 5% - 250 ppm/°C
VISHAY
R36
1K8
SMD standard film res - 1/8 W - 5% - 250 ppm/°C
VISHAY
R37
10 k
Ω
SFR25 axial stand. film res - 0.4 W - 5% - 250 ppm/°C
VISHAY
R39
56 k
Ω
SMD standard film res - 1/4 W - 1% - 100 ppm/°C
VISHAY
R42
33 k
Ω
SMD standard film res - 1/4 W - 1% - 100 ppm/°C
VISHAY
R43
4R7
SMD standard film res - 1/8 W - 5% - 250 ppm/°C
VISHAY
R45
2K2
SMD standard film res - 1/8 W - 5% - 250 ppm/°C
VISHAY
R46
15
Ω
SMD standard film res - 1/8 W - 5% - 250 ppm/°C
VISHAY
R47
100 k
Ω
SMD standard film res - 1/4 W - 5% - 250 ppm/°C
VISHAY
R48
4K7
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
VISHAY
R49
24K
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
VISHAY
Table 5.
EVL6566A-75WADP evaluation board: bill of material (continued)
Des.
Part type/part value
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com