Electronic Components Datasheet Search
  English  ▼

X  

AN2690 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 13Page - STMicroelectronics AN2690 Datasheet HTML 14Page - STMicroelectronics AN2690 Datasheet HTML 15Page - STMicroelectronics AN2690 Datasheet HTML 16Page - STMicroelectronics AN2690 Datasheet HTML 17Page - STMicroelectronics AN2690 Datasheet HTML 18Page - STMicroelectronics AN2690 Datasheet HTML 19Page - STMicroelectronics AN2690 Datasheet HTML 20Page - STMicroelectronics AN2690 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
AN2690
Functional check
17/31
Figure 17.
EVL6566-75WADP PFC open loop at 115 Vac-60 Hz - full load
The event of an open loop is shown in Figure 17. We can notice the protection intervention
stopping the operation of the L6563 and the activation of the PWM_LATCH pin that is
connected to the L6566A pin #7 (DIS). This function of the L6566A is a latched device
shutdown. Internally the pin connects a comparator that, when the voltage on the pin
exceeds 4.5 V, shuts down the IC and brings its consumption to a value barely higher than
before startup. The internal L6566A logic also opens the pin Vcc_PFC, therefore the L6563
remain inactive after latching because it is no longer powered.
This state is latched and it is necessary to recycle the input power to restart the IC. The
latch is removed as the voltage on the Vcc pin falls below the UVLO threshold.
The flyback stage is protected too against open loop conditions that lead to losing control of
the output voltage.
The L6566A OVP function monitors the voltage on the ZCD pin (#11) during the MOSFET's
OFF-time, during which the voltage generated by the auxiliary winding tracks the converter's
output voltage. If the voltage on the pin exceeds an internal 5 V reference, an overvoltage
condition is assumed and the device is shut down. An internal current generator is activated
that sources 1mA out of the VFF pin (#15). If the VFF voltage is allowed to reach 2 VBE over
5 V, the L6566A is latched off (Figure 18). As soon as the IC is latched, Vcc starts
decreasing until it reaches a value 0.5 V below the turn-on threshold. Then the HV startup
circuit turns on and begins to operate periodically in order to keep Vcc between VccON and
VccON-0.5 V (Figure 19) maintaining the IC latched.
CH1: Drain voltage
CH2: PFC output voltage
CH3: PFC_OK pin voltage
CH4: PWM_LATCH pin voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com