Electronic Components Datasheet Search
  English  ▼

X  

AN2798 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2798
Description  Complete DDR2/3 memory power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2798 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2798 Datasheet HTML 3Page - STMicroelectronics AN2798 Datasheet HTML 4Page - STMicroelectronics AN2798 Datasheet HTML 5Page - STMicroelectronics AN2798 Datasheet HTML 6Page - STMicroelectronics AN2798 Datasheet HTML 7Page - STMicroelectronics AN2798 Datasheet HTML 8Page - STMicroelectronics AN2798 Datasheet HTML 9Page - STMicroelectronics AN2798 Datasheet HTML 10Page - STMicroelectronics AN2798 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
AN2798
Demonstration kit schematic
7/38
2.1
Component list
Table 1.
PM6670AS demonstration board bill of materials
Qty
Component
Description
Package
Part number
MFR
Value
2
C1, C2
Ceramic, 50 V, X5R, 20%
SMD 1210
UMK325BJ106KM-T
Taiyo Yuden
10 µ
2
C3, C4
POSCAP, 4 V, 15 m, 20%
SMD 7343 (D)
4TPE220MF
Sanyo
220 µ
1
C5
Ceramic, 6.3 V, X5R, 10%
SMD 3216-12
Standard
1 µ
3
C6, C7, C11 Ceramic, 6.3 V, X5R, 10%
SMD 0805
JMK212BJ106KG-T
Taiyo Yuden
10 µ
1
C8
Ceramic, 50 V,X7R, 20%
SMD 0603
Standard
33 n
4
C9, C10,
C13, C14
Ceramic, 50 V, X7R, 20%
SMD 0603
Standard
100 n
1
C12
Ceramic, 50 V, X7R, 10%
SMD 0805
Standard
100 n
1
C15
Ceramic, 50 V, X7R, 10%
SMD 0603
Standard
6n8
1
C16
Ceramic, 50 V, X7R, 10%
SMD 0603
Standard
680 p
1
C17
Ceramic, 20%
SMD 0603
Standard
N.M.
1
C18
Ceramic, 50 V, X7R, 10%
SMD 0805
Standard
1 n
2
C19, C20
Ceramic, 6.3 V, X5R, 10%
SMD 0805
JMK212BJ106KG-T
Taiyo Yuden
N.M.
1
R1
Chip Resistor, 0.1 W, 1%
SMD 0603
Standard
330 k
1
R2
Chip Resistor, 0.1 W, 1%
SMD 0603
Standard
18 k
1
R3
Chip Resistor, 0.1 W, 1%
SMD 0603
Standard
1.5 k
1
R4
Chip Resistor, 0.1 W, 1%
SMD 0603
Standard
3R3
1
R6
Chip Resistor, 0.1 W, 1%
SMD 0805
Standard
0
1
R7
Chip Resistor, 0.1 W, 1%
SMD 0603
Standard
3R9
1
R8
Chip Resistor, 0.1 W, 1%
SMD 0603
Standard
39 k
1
R9
Chip Resistor, 0.1 W, 1%
SMD 0603
Standard
39 k
1
R10
Chip Resistor, 0.1 W, 1%
SMD 0603
Standard
0
3
R11, R12,
R13
Chip Resistor, 0.1 W, 1%
SMD 0603
Standard
100 k
1
R14
Chip Resistor, 0.1 W, 1%
SMD 0805
Standard
7k5
1
R15
Chip Resistor, 0.1 W, 1%
SMD 0603
Standard
6k8
1
R16
Chip Resistor, 0.1 W, 1%
SMD 0805
Standard
4R7
1
R17
Chip Resistor, 0.1 W, 1%
SMD 0603
Standard
0
1
L1
SMT, 10.6 Arms, 4.36 m
Ω 13.8 x 13.2 mm
MLC1538-152ML
Coilcraft
1.5 µ
1
Q1
N-Channel, 60 V
SO-8
STS7NF60L
ST
1
Q2
N-Channel, 60 V
SO-8
STS7NF60L
ST
1
D1
Schottky, 100 V, 0.2 A
SOD-323
BAT41J
ST
1
D2
Schottky, 60 V, 1 A
DO214-AC
STPS1L60A
ST
1D3
N.M.
1
U1
Controller
VFQFPN-24
PM6670AS
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com