Electronic Components Datasheet Search
  English  ▼

X  

AN2798 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2798
Description  Complete DDR2/3 memory power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2798 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2798 Datasheet HTML 1Page - STMicroelectronics AN2798 Datasheet HTML 2Page - STMicroelectronics AN2798 Datasheet HTML 3Page - STMicroelectronics AN2798 Datasheet HTML 4Page - STMicroelectronics AN2798 Datasheet HTML 5Page - STMicroelectronics AN2798 Datasheet HTML 6Page - STMicroelectronics AN2798 Datasheet HTML 7Page - STMicroelectronics AN2798 Datasheet HTML 8Page - STMicroelectronics AN2798 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
AN2798
Main features
5/38
1
Main features
1.1
Switching section (VDDQ)
■ 4.5 V to 36 V input voltage range
■ 0.9 V, ± 1 % voltage reference
■ 1.8 V (DDR2) or 1.5 V (DDR3) fixed output voltages
■ 0.9 V to 2.6 V adjustable output voltage
■ 1.237 V ± 1 % reference voltage available
■ Very fast load transient response constant on-time loop control
■ No-RSENSE current sensing using low-side MOSFETs' RDSON
■ Negative current limit
■ Latched OVP, UVP and thermal shutdown
■ Fixed 3 ms soft-start
■ Selectable pulse-skipping at light load
■ Selectable non-audible (33 kHz) pulse-skip mode
■ All ceramic output capacitor applications supported
■ Output voltage ripple compensation
1.2
Reference and termination voltages (VTTREF and VTT)
■ 2 A peak LDO with foldback for VTT
■ Remote VTT output sensing
■ High-Z VTT output in S3
■ All ceramic output capacitor applications supported
■ ±15 mA low-noise buffered reference for VTTREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com