Electronic Components Datasheet Search
  English  ▼

X  

AN2798 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2798
Description  Complete DDR2/3 memory power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2798 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2798 Datasheet HTML 13Page - STMicroelectronics AN2798 Datasheet HTML 14Page - STMicroelectronics AN2798 Datasheet HTML 15Page - STMicroelectronics AN2798 Datasheet HTML 16Page - STMicroelectronics AN2798 Datasheet HTML 17Page - STMicroelectronics AN2798 Datasheet HTML 18Page - STMicroelectronics AN2798 Datasheet HTML 19Page - STMicroelectronics AN2798 Datasheet HTML 20Page - STMicroelectronics AN2798 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
AN2798
Getting started
17/38
7
Getting started
The following step-by-step power-up and power-down sequences are provided in order to
correctly evaluate the PM6670AS board performance.
7.1
Power-up sequence
Working in an ESD-protected environment is highly recommended. Check all wrist straps
and mat-earth connections before handling the PM6670AS board.
1.
Connect power supplies as shown in the PM6670AS test setup (Figure 13) and insert
the meters in order to perform the desired performance evaluation. Connect the scope-
probes as desired.
2.
Set the JP1 through JP5 jumpers in order to properly configure the PM6670AS board.
Set the S3-S5 switches to the on position (upper position). Do not change any of the
jumper settings when the board is powered.
3.
Set the VCC supply to 5 V ± 5 % and the current limit to 100 mA.
4.
Set the VIN supply to a voltage in the range 4.5 V to 36 V. An initial test at 24 V and 3 A
current limit is suggested.
5.
Set all loads to 0 A.
6.
Turn on the VIN supply.
7.
Turn on the VCC supply.
8.
Vary the VDDQ load from 0 A to 8 A.
9.
Vary the VTT load from 0 A to 2 A to test source capability. To test sink capability use
the dashed VTT load shown in Figure 13.
10. Vary the VTTREF load to test source capability.
11. Vary the VIN supply from 4.5 V to 36 V.
7.2
Power-down sequence
1.
Decrease the VTTREF and VTT loads to 0 A.
2.
Reduce the VDDQ load to 0.
3.
Decrease the VCC supply from 5 V to 3.8 V in order to test the UVLO.
4.
Increase the VCC supply from 3.8 V to 5 V to restart the device.
5.
Use the S3-S5 switches to enter/exit the S0-S3-S5 states.
6.
Turn off the VDDQ load.
7.
Turn off the VCC supply.
8.
Turn off the VIN supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com