Electronic Components Datasheet Search
  English  ▼

X  

AN2798 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2798
Description  Complete DDR2/3 memory power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2798 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2798 Datasheet HTML 8Page - STMicroelectronics AN2798 Datasheet HTML 9Page - STMicroelectronics AN2798 Datasheet HTML 10Page - STMicroelectronics AN2798 Datasheet HTML 11Page - STMicroelectronics AN2798 Datasheet HTML 12Page - STMicroelectronics AN2798 Datasheet HTML 13Page - STMicroelectronics AN2798 Datasheet HTML 14Page - STMicroelectronics AN2798 Datasheet HTML 15Page - STMicroelectronics AN2798 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
I/O interface
AN2798
12/38
4
I/O interface
The PM6670AS demonstration board has the following test points as given in Table 2.
4.1
Recommended equipment
4 V to 36 V, 30 W power supply
Active loads
Digital multimeters
200 MHz four-trace oscilloscope
Table 2.
PM6670AS demonstration board input and output interface
Test point
Description
VIN
Battery input voltage positive terminal
PGND
Battery input and VDDQ output common return
VDDQ
VDDQ output
LDOIN
LDO linear regulator input
VTT
VTT output (LDO)
AGND
VTT and VTTREF outputs common return
VTTREF
VTTREF output
VCC
+ 5 V supply, positive terminal
VCCGND
Signal ground and VCC supply return
PG
VDDQ output Power Good signal
TP1
Connection point between power and signal grounds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com