Electronic Components Datasheet Search
  English  ▼

X  

AN2798 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2798
Description  Complete DDR2/3 memory power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2798 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2798 Datasheet HTML 16Page - STMicroelectronics AN2798 Datasheet HTML 17Page - STMicroelectronics AN2798 Datasheet HTML 18Page - STMicroelectronics AN2798 Datasheet HTML 19Page - STMicroelectronics AN2798 Datasheet HTML 20Page - STMicroelectronics AN2798 Datasheet HTML 21Page - STMicroelectronics AN2798 Datasheet HTML 22Page - STMicroelectronics AN2798 Datasheet HTML 23Page - STMicroelectronics AN2798 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
PM6670AS evaluation tests
AN2798
20/38
8.2.3
VDDQ non-audible pulse-skip mode
In order to avoid an insufficient switching frequency, the non-audible pulse-skip mode can be
selected (JP3 in the upper position and JP1 in the middle). So doing, the minimum switching
frequency allowed is 33 kHz as depicted in the following picture.
8.3
VDDQ, VTT and VTTREF load regulation
Figure 19 through 21 refer to VDDQ, VTT and VTTREF output voltage versus load current.
The switching section works in pulse-skip mode and directly supplies VTT LDO.
Figure 18.
VDDQ = 1.8 V, VIN = 24 V, no load, non-audible pulse-skip mode (33 kHz)
Figure 19.
VDDQ load regulation - VIN = 24 V
1.790
1.800
1.810
1.820
1.830
1.840
0.001
0.010
0.100
1.000
10.000
Current [A]
Forced PWM
Pulse Skip
Non Audible PS
1.790
1.800
1.810
1.820
1.830
1.840
0.001
0.010
0.100
1.000
10.000
Current [A]
Forced PWM
Pulse Skip
Non Audible PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com