Electronic Components Datasheet Search
  English  ▼

X  

AN2798 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2798
Description  Complete DDR2/3 memory power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2798 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2798 Datasheet HTML 20Page - STMicroelectronics AN2798 Datasheet HTML 21Page - STMicroelectronics AN2798 Datasheet HTML 22Page - STMicroelectronics AN2798 Datasheet HTML 23Page - STMicroelectronics AN2798 Datasheet HTML 24Page - STMicroelectronics AN2798 Datasheet HTML 25Page - STMicroelectronics AN2798 Datasheet HTML 26Page - STMicroelectronics AN2798 Datasheet HTML 27Page - STMicroelectronics AN2798 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
PM6670AS evaluation tests
AN2798
24/38
8.7
VDDQ, VTT and VTTREF turnoff (soft-end)
Tracking discharge
The jumper JP2, if placed in the middle, allows the output tracking discharge. When S3 and
S5 are pulled down, VTT discharges VDDQ by sinking 1 A and, at the same time, tracks the
VDDQ remaining half. When VDDQ reaches about 400 mV, the output discharge MOSFETs
are all closed and each rail is finally discharged.
Figure 26.
External MOS gate signals (VIN = 24 V, LOAD = 8 A) (pulse-skip mode)
Figure 27.
VDDQ, VTTREF, VTT output voltages and LDO input current, tracking discharge, no
load on any rail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com