Electronic Components Datasheet Search
  English  ▼

X  

AN2798 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2798
Description  Complete DDR2/3 memory power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2798 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2798 Datasheet HTML 15Page - STMicroelectronics AN2798 Datasheet HTML 16Page - STMicroelectronics AN2798 Datasheet HTML 17Page - STMicroelectronics AN2798 Datasheet HTML 18Page - STMicroelectronics AN2798 Datasheet HTML 19Page - STMicroelectronics AN2798 Datasheet HTML 20Page - STMicroelectronics AN2798 Datasheet HTML 21Page - STMicroelectronics AN2798 Datasheet HTML 22Page - STMicroelectronics AN2798 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
AN2798
PM6670AS evaluation tests
19/38
8.2
VDDQ working modes
8.2.1
VDDQ forced PWM mode
When the forced PWM working mode is selected (JP3 and JP1 in the upper position), the
inductor current is allowed to become negative and the following waveform can be captured.
8.2.2
VDDQ pulse-skip mode
The default working mode is the pulse-skip algorithm, in which the low-side MOSFET is
turned off when the inductor current becomes equal to zero. This behavior allows reaching
maximum efficiency.
Figure 16.
VDDQ = 1.8 V, VIN = 24 V, IVDDQ = 0 A, forced PWM mode
Figure 17.
VDDQ = 1.8 V, VIN = 24 V, IVDDQ = 0 A, pulse-skip mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com