Electronic Components Datasheet Search
  English  ▼

X  

UM0442 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0442 Datasheet HTML 2Page - STMicroelectronics UM0442 Datasheet HTML 3Page - STMicroelectronics UM0442 Datasheet HTML 4Page - STMicroelectronics UM0442 Datasheet HTML 5Page - STMicroelectronics UM0442 Datasheet HTML 6Page - STMicroelectronics UM0442 Datasheet HTML 7Page - STMicroelectronics UM0442 Datasheet HTML 8Page - STMicroelectronics UM0442 Datasheet HTML 9Page - STMicroelectronics UM0442 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Hardware configuration and functionality
UM0442
6/33
The configuration of the power source selector as appears in the silkscreen (consider the
following abbreviations as a legend for the picture below) is as follows:
●
BAT: the battery pack is selected as power source. To do this, close the related jumper
and connect the battery pack by plugging in its connector as appropriate (see
Section 4.2: Battery pack power source).
●
EXT: the external 5 V power source is selected as power source.
●
USB: plug in this jumper once the board is connected to a computer through the
mini-USB connector in the upper side of the board.
●
PWR: the standard 9 Vdc power connector is chosen and a voltage regulator
(L7805AB) provides the 5 V supply to all the components in the board.
Figure 3.
Power source selector and jumper legend
It is strongly recommended to not select more than one power source at a time. This is to
prevent possible power source failures, with the consequence to propagate these failures to
the board components.
4.2
Battery pack power source
The battery pack is selected by closing the appropriate jumper as shown in the previous
section.
In order to supply the STR750-MAP the following two steps are required:
●
Plug the battery pack connector onto the STR750-MAP, using the 2-pin connector
named BATTERY in the board silkscreen.
●
Configure the 3-pin strip-line selector S7 as follows: close the middle point of the S7
selector with the point 3 (left side of the S7). In this way, the battery pack is linked to
the L6920D step-up converter in order to furnish the right voltage to all the components
(see Figure 4).
Figure 4.
The selector S7 allows the STR750-MAP to be supplied from the battery
pack
As an alert feature, an LED is placed to give a warning if a low battery level occurs (LED
D10).
The two types of batteries that can be connected to the board to allow all features are the
graphite anode single cell Li-Ion or Li-Polymer. The low threshold voltage detector is fixed at
2.7 V (considering the use of a battery pack at typically 3.7 V/1360 mAh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com