Electronic Components Datasheet Search
  English  ▼

X  

UM0442 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0442 Datasheet HTML 5Page - STMicroelectronics UM0442 Datasheet HTML 6Page - STMicroelectronics UM0442 Datasheet HTML 7Page - STMicroelectronics UM0442 Datasheet HTML 8Page - STMicroelectronics UM0442 Datasheet HTML 9Page - STMicroelectronics UM0442 Datasheet HTML 10Page - STMicroelectronics UM0442 Datasheet HTML 11Page - STMicroelectronics UM0442 Datasheet HTML 12Page - STMicroelectronics UM0442 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
UM0442
Hardware configuration and functionality
9/33
Following the STR750FV2 datasheet, the boot table given in Table 1 and Figure 7 could be
useful to clarify the layout.
In Table 1 above, the "0-0" configuration corresponds to the boot from the embedded
FLASH memory sector "B0F0" mapped at 0h. The configuration "0-1" corresponds to the
embedded SRAM mapped at 0h. The configuration "1-0" corresponds to the boot from the
system memory mapped at 0h. Finally the configuration "1-1" corresponds to the boot from
external SMI bank 0 mapped at 0h.
Figure 7.
Memory boot selectors and example of configuration
The configuration chosen here corresponds to the MEM memory model.
4.7
STR750FV2 pin-out
To enhance debugging features as well as the possibility to easily connect a secondary
board, the whole pin-out of the microcontroller is available to the users and located around
the microcontroller.
The pin-out is arranged around the microcontroller with 4 connectors placed one per side.
Since the LQFP100 package is used, each connector is composed of 26 pins with the last
pin as a spare for the STR750FV2 pin-out.
The 26th of each connector is used as 5 V external power source when the jumper EXT in
the power source selector is closed (see Section 4.3 for details).
To facilitate the use of this pin-out, the pin correspondence is printed close to each
connector.
Table 2 and Figure 8 show the numbering for the connector related to pin 1 to 25 (connector
JE1 in the layout). The same numbering is used for the other connectors, where the last pin
is connected for the external 5 V supply. Table 2 describes the connector/pin-out
association.
Table 1.
Boot table
Memory model
SW2 - SW1
FLASH
0–0
SRAM
0–1
MEM
1–0
SMI
1-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com