Electronic Components Datasheet Search
  English  ▼

X  

UM0442 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0442 Datasheet HTML 3Page - STMicroelectronics UM0442 Datasheet HTML 4Page - STMicroelectronics UM0442 Datasheet HTML 5Page - STMicroelectronics UM0442 Datasheet HTML 6Page - STMicroelectronics UM0442 Datasheet HTML 7Page - STMicroelectronics UM0442 Datasheet HTML 8Page - STMicroelectronics UM0442 Datasheet HTML 9Page - STMicroelectronics UM0442 Datasheet HTML 10Page - STMicroelectronics UM0442 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
UM0442
Hardware configuration and functionality
7/33
When another power source (USB, 9 Vdc) is selected, it is possible to recharge the battery
pack. The L6924D battery charger system performs this task.
4.2.1
How to charge the battery pack
It is possible to charge a battery pack connected to the STR750-MAP while the board is
powered through the power supply or the USB connector. Although the first method is
outlined, the procedure to implement the charge phase is the same for both ways.
First of all, the STR750-MAP needs to be supplied. For example, plug in the 9÷12 Vdc
power supply connector (closing the appropriate jumper).
As a second step, connect the battery pack to the connector, without closing the
correspondent jumper in the power source selector.
To set up the recharging process, follow these steps:
1.
Close the selector S7 in the position 1-2: this is to connect the battery to the recharging
circuit.
2.
Close the selector S8 in the position 2-3: this is in order to select 5 V standard power
source.
3.
Close the selector S9 in the position 1-2: by doing this, the L6920 and its circuitry is
switched off in order to save power.
Figure 5.
Selectors configuration to recharge the battery pack
4.3
External 5 V power sourcer
It is possible to plug in an external 5 V power source by closing the jumper EXT in the power
source selector.
This feature makes the STR750-MAP highly versatile. Since this power source has no
specific connectors, the only way to furnish 5 V to the STR750-MAP, comes directly from the
STR750FV2 pin-out placed around the microcontroller itself.
In this way, the user can make his own interface board or connect it directly to the
microcontroller's pins.
Take care to follow these simple steps: the external 5 V can operate only if the EXT (see
Figure 3) jumper is closed. After this, the 26th pin of the connectors J1, J2, J3 and J4 placed
around the microcontroller (see the following Figure 6), is available to receive the external
supply. Pay attention when connecting boards outputting 600 mA as maximum current in
order to preserve the STR750-MAP functionalities from damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com