Electronic Components Datasheet Search
  English  ▼

X  

UM0442 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0442 Datasheet HTML 12Page - STMicroelectronics UM0442 Datasheet HTML 13Page - STMicroelectronics UM0442 Datasheet HTML 14Page - STMicroelectronics UM0442 Datasheet HTML 15Page - STMicroelectronics UM0442 Datasheet HTML 16Page - STMicroelectronics UM0442 Datasheet HTML 17Page - STMicroelectronics UM0442 Datasheet HTML 18Page - STMicroelectronics UM0442 Datasheet HTML 19Page - STMicroelectronics UM0442 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Hardware configuration and functionality
UM0442
16/33
Figure 13.
A female strip-line is used as LCD socket
4.14
CAN connector
The board is equipped with a standard DB9 male connector to enhance networking
capabilities, especially in industrial and factory automation environments.
The physical layer of the CAN protocol is implemented through the L9616 transceiver. It
allows the peripheral to reach standard communication speeds (up to 250 Kbps and up to 1
Mbps) which can be done by setting the selector S5 (located close to the CAN connector,
see Figure 2) as appropriate. Taking the middle point of this selector as a reference, and
closing this one with pin number 3 (0 in the board silkscreen), the device runs at 1 Mbps as
maximum speed. Closing the middle point of S5 with pin number 1 in the layout (1 in the
board silkscreen), the communication speed is limited to 250 Kbps.
Independently of the speed you select, you must close jumper JP12 to connect the
termination resistor, in order to close the communication line on the STR750FV2 side.
Jumpers JP10 and JP11 also must be closed to allow communication. They connect the Tx
and Rx pins of the transceiver with pins 64 and 63 of the microcontroller respectively, linking
the peripheral to the physical layer of the communication protocol.
5
RnotW
200
6E
218
7DB0
210
8DB1
211
9DB2
212
10
DB3
213
11
DB4
214
12
DB5
215
13
DB6
216
14
DB7
217
15
CS1
201
16
CS2
202
17
notRST
59
18
Vout
-
19
A
-
20
K
-
Table 8.
LCD socket pin description (continued)
Pin no
Name
STR750FV2 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com