Electronic Components Datasheet Search
  English  ▼

X  

UM0442 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0442 Datasheet HTML 1Page - STMicroelectronics UM0442 Datasheet HTML 2Page - STMicroelectronics UM0442 Datasheet HTML 3Page - STMicroelectronics UM0442 Datasheet HTML 4Page - STMicroelectronics UM0442 Datasheet HTML 5Page - STMicroelectronics UM0442 Datasheet HTML 6Page - STMicroelectronics UM0442 Datasheet HTML 7Page - STMicroelectronics UM0442 Datasheet HTML 8Page - STMicroelectronics UM0442 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
August 2007
Rev 1
1/33
UM0442
User manual
Multiple application platform based on STR750FV2
Introduction
The system described in this user manual, Multiple application platform based on
STR750FV2 - ARM7TDMI-S
™ 32-Bit MCU, is a development board implementing a very
high number of powerful features.
Figure 1 below shows the main characteristics of the system which can be connected to
other systems through the BSPI (Buffered SPI) connector and the I2C connector. Advanced
networking is also allowed by the new ZigBee® connector for radio link communication at
2.4 GHz. Standard serial connectivity can be established using the CAN connector (both
250 Kbps and 1 Mbps as maximum bus speed are supported), the UART connector (linked
to the peripheral UART1 of the STR750FV2) and the mini-USB connector useful for data
communication with a PC as well as supplying the system.
Another important feature is the 34-pin standard motor control connector and the possibility
to switch between four different power sources.
Two on-board sensors are also available (inertial sensor and analog temperature sensor) in
order to start with a wide application range.
Figure 1.
Multiple application platform board based on STR750FV2
(STEVAL-IFS008V2)
www.st.com


Similar Part No. - UM0442

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
UM040 OHMITE-UM040 Datasheet
382Kb / 2P
Special versions possible
logo
STMicroelectronics
UM0401 STMICROELECTRONICS-UM0401 Datasheet
525Kb / 17P
User manual for eight bit port expander
05-Jun-2007
UM0402 STMICROELECTRONICS-UM0402 Datasheet
593Kb / 35P
Single-phase multi-tariff energy meter
17-Apr-2007
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
Constant current controller for high brightness LEDs
25-Feb-2008
UM0425 STMICROELECTRONICS-UM0425 Datasheet
347Kb / 11P
STLED316S Front panel LED controller/driver
05-Jun-2007
More results

Similar Description - UM0442

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCS3041 IRF-IRMCS3041 Datasheet
339Kb / 11P
Sensorless Motor Drive Platform for Appliance Based on iMOTION Chipset
IRMCS1071 IRF-IRMCS1071 Datasheet
464Kb / 11P
Sensorless Motor Drive Platform for Appliance Based on iMOTIONTM Chipset
logo
Advantech Co., Ltd.
FWA-6520 ADVANTECH-FWA-6520_15 Datasheet
555Kb / 2P
Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
logo
Maxim Integrated Produc...
MAX32630FTHR MAXIM-MAX32630FTHR Datasheet
2Mb / 9P
MAX32630FTHR Application Platform
Rev 0; 1116
logo
STMicroelectronics
STEVAL-IDB008V2 STMICROELECTRONICS-STEVAL-IDB008V2 Datasheet
493Kb / 9P
Evaluation platform based on the BlueNRG-2
13-Feb-2018
logo
Maxim Integrated Produc...
MAX78000FTHR MAXIM-MAX78000FTHR Datasheet
1Mb / 16P
MAX78000FTHR Application Platform
Rev 0; 11/20
MAX32625PICO MAXIM-MAX32625PICO Datasheet
565Kb / 11P
MAX32625PICO Application Platform
319-100010; Rev 0; 4/17
logo
u-blox AG
XPLR-IOT-1 U-BLOX-XPLR-IOT-1 Datasheet
2Mb / 42P
Explorer application platform
13-Jul-2022
logo
EDA Technology Co.,LTD
ED-IPC2000 EDATEC-ED-IPC2000 Datasheet
1Mb / 23P
Computer for industrial application scenarios based on
June 2023
logo
Advantech Co., Ltd.
MIC-713-OX ADVANTECH-MIC-713-OX Datasheet
659Kb / 2P
AI Platform Based on NVIDIA® Jetson Orin™ NX
31-May-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com