Electronic Components Datasheet Search
  English  ▼

X  

UM0442 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0442 Datasheet HTML 1Page - STMicroelectronics UM0442 Datasheet HTML 2Page - STMicroelectronics UM0442 Datasheet HTML 3Page - STMicroelectronics UM0442 Datasheet HTML 4Page - STMicroelectronics UM0442 Datasheet HTML 5Page - STMicroelectronics UM0442 Datasheet HTML 6Page - STMicroelectronics UM0442 Datasheet HTML 7Page - STMicroelectronics UM0442 Datasheet HTML 8Page - STMicroelectronics UM0442 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
UM0442
List of features
5/33
3
List of features
The STR750-MAP is a system designed for a wide spectrum of high-end applications.
Appreciable and innovative features are the new 12-pin socket for ZigBee® modules and the
possibility to choose among four different power sources.
The board mounts the STR750FV2 microcontroller in LQFP100, 14x14 mm package. The
pin-out of the STR750FV2 microcontroller is available to the users and placed around the
microcontroller itself.
The list of features of the STR750-MAP board is as follows:
●
STR750FV2 ARM7TDMI-S
™ 32-Bit MCU
●
ZigBee® socket for module based on SN260
●
34-pin Motor Control connector
●
Mini-USB connector both for data and for board supply
●
Battery pack connector for rechargeable battery
●
9÷12 Vdc standard power supply connector
●
External 5 V power source to plug in the STR750FV2 pin-out
●
3-axis MEMS accelerometer LIS3LV02DQ
●
Analog temperature sensor STLM20
●
Graphic LCD strip line connector
●
DB9 standard male CAN connector
●
DB9 standard male RS232 connector
●
JTAG connector for programming and debugging capabilities
●
Reset and Wake-up push buttons
●
2 switches for memory boot capabilities
●
I2C connector
●
BSPI connector
●
6 user LEDs
●
Potentiometer on ADC channel
●
2 general purpose push buttons
Each of this features or functionalities is fully explained in this user manual.
4
Hardware configuration and functionality
4.1
Power source selector
The STR750-MAP evaluation board is provided with a power source selector that allows the
user to choose between four different ways to power the board including the possibility to
recharge the external battery pack while the board is powered through the standard power 9
Vdc power supply or the mini-USB connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com