Electronic Components Datasheet Search
  English  ▼

X  

UM0442 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 4 Page - STMicroelectronics

  UM0442 Datasheet HTML 1Page - STMicroelectronics UM0442 Datasheet HTML 2Page - STMicroelectronics UM0442 Datasheet HTML 3Page - STMicroelectronics UM0442 Datasheet HTML 4Page - STMicroelectronics UM0442 Datasheet HTML 5Page - STMicroelectronics UM0442 Datasheet HTML 6Page - STMicroelectronics UM0442 Datasheet HTML 7Page - STMicroelectronics UM0442 Datasheet HTML 8Page - STMicroelectronics UM0442 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Definitions
UM0442
4/33
1
Definitions
The list of definitions used in this user manual are as follows:
●
STR750-MAP: Multiple Application Platform based on STR750FV2.
●
ARM7TDMI-S
™: 32-Bit RISC CPU with 16/32 bit instructions
●
MEMS: Micro Electro Mechanical System
●
MC: Motor Control
2
Board architecture
Figure 2 shows the board layout and architecture overview. The layout underlines the most
important components and parts of the system.
Figure 2.
System layout and architecture
STR750FV2
CAN
UART
BSPI
Mini-
USB
9Vdc
Power
source
selector
Sensors
ZigBee
I
2C
4 x ADC
6 x LEDs
2 x push
buttons
Reset
Wake-up
Graphic LCD
Potentiometer
Motor control
JTAG
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com