Electronic Components Datasheet Search
  English  ▼

X  

AN2485 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 7Page - STMicroelectronics AN2485 Datasheet HTML 8Page - STMicroelectronics AN2485 Datasheet HTML 9Page - STMicroelectronics AN2485 Datasheet HTML 10Page - STMicroelectronics AN2485 Datasheet HTML 11Page - STMicroelectronics AN2485 Datasheet HTML 12Page - STMicroelectronics AN2485 Datasheet HTML 13Page - STMicroelectronics AN2485 Datasheet HTML 14Page - STMicroelectronics AN2485 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AN2485
Test results and significant waveforms
11/29
the VFF pin, so as to have little offset at low line, where energy transfer at zero crossings is
typically quite good, and a larger offset at high line where the energy transfer gets worse.
In order to maximize the benefit from the THD optimizer circuit, the high-frequency filter
capacitors after the bridge rectifier should be minimized, compatible with EMI filtering
needs. A large capacitance in fact introduces a conduction dead-angle of the AC input
current in itself thus reducing the effectiveness of the optimizer circuit.
2.3
Voltage feedforward
The power stage gain of PFC pre-regulators varies with the square of the RMS input voltage
as well as the crossover frequency fc of the overall open-loop gain because the gain has a
single pole characteristic. This leads to large trade-offs in the design. For example, setting
the gain of the error amplifier to get fc = 20 Hz at 264 Vac means having fc = 4 Hz at 88 Vac,
which results in sluggish control dynamics. Additionally, the slow control loop causes large
transient current flow during rapid line or load changes that are limited by the dynamics of
the multiplier output. This limit is considered when selecting the sense resistor to let the full
load power pass under minimum line voltage conditions, with some margin. A fixed current
limit allows excessive power input at high line, whereas a fixed power limit requires the
current limit to vary inversely with the line voltage.
Voltage Feedforward can compensate for the gain variation with the line voltage and
provides a solution to the above-mentioned issues. It consists of deriving a voltage
proportional to the input RMS voltage, feeding this voltage into a squarer/divider circuit (1/V2
corrector) and providing the resulting signal to the multiplier that generates the current
reference for the inner current control loop. In this way a change of the line voltage will
cause an inversely proportional change of the half sine amplitude at the output of the
multiplier so that the current reference is adapted to the new operating conditions with
(ideally) no need for invoking the slow dynamics of the error amplifier. Additionally, the loop
gain will be constant throughout the input voltage range, which improves significantly
dynamic behavior at low line and simplifies loop design.
Figure 18.
EVAL6563-400W Inductor current
ripple envelope at 230 Vac - 50 Hz -
full load
Figure 19.
EVAL6563-400W Inductor current
ripple (detail) at 230 Vac - 50 Hz -
full load
CH1: Q1/Q2 Drain voltage
CH2: MULT voltage - pin #3
CH4: L4 inductor current ripple envelope
CH1: Q1/Q2 Drain voltage
CH2: MULT voltage - pin #3
CH4: L4 inductor current ripple envelope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com