Electronic Components Datasheet Search
  English  ▼

X  

AN2485 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 16Page - STMicroelectronics AN2485 Datasheet HTML 17Page - STMicroelectronics AN2485 Datasheet HTML 18Page - STMicroelectronics AN2485 Datasheet HTML 19Page - STMicroelectronics AN2485 Datasheet HTML 20Page - STMicroelectronics AN2485 Datasheet HTML 21Page - STMicroelectronics AN2485 Datasheet HTML 22Page - STMicroelectronics AN2485 Datasheet HTML 23Page - STMicroelectronics AN2485 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Audible noise
AN2485
20/29
4
Audible noise
Differential mode currents in a circuit with high frequency and low frequency components
(like in a PFC) may produce audible noise due to inter-modulation between operating
frequency and mains line frequency.
The phenomenon is produced because of mechanical vibration of reactive components like
capacitors and inductors. Current flowing in the winding can cause vibration of wires or
ferrite which produces buzzing noise, therefore, to avoid this boost and filter inductors have
to be wound with correct wire tension, and the component has to be varnished or dipped.
Frequently, X-Capacitors and Filter Capacitors after bridge generate acoustic noise because
of AC current that causes the electrodes to vibrate and produce buzzing (noise). Thus,
minimize AC current inserting a differential mode, Pi-filter between the bridge and the boost
inductor helps to reducing the acoustic noise and additionally the EMI filter will benefit too.
Such actions decrease significantly the ripple current that otherwise has to be filtered by the
EMI filter. The capacitors selected are polypropylene, preferably dipped type, because
boxed ones are generally more at risk to generate acoustic noise.
The acoustic noise can also be due to an incorrect circuit behavior for an abnormal current
modulation. It can be due to the Dynamic OVP intervention that stops the IC switching
cycles which consequently creates a discontinuity of the input line current shape that can
produce vibrations as described above, occurring typically at light load. In this case, only a
board re-layout can help, taking into consideration the points outlined in Section 3: Layout
hints. In addition, grounding the boost inductor may help, because in this case we decrease
the emissions from the most efficient "antenna" of our circuit. In fact, in case of improper
layout some picofarads of layout parasitic capacitance together with the very high dV/dt of
the MOSFET Drain voltage may inject noise somewhere in the circuit.
5
Thermal measures
In order to check the design reliability, a thermal mapping by means of an IR Camera was
done. Figure 35. and Figure 36. show thermal measures on board component side at
nominal input voltages and full load. Captions visible on the pictures placed across key
components show the relevant temperature. Table 1. provides the correlation between
measured points and components for both thermal maps. The ambient temperature during
both measurements was 27°C. According to these measurement results all components of
the board are working within their temperature limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com