Electronic Components Datasheet Search
  English  ▼

X  

AN2485 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 21Page - STMicroelectronics AN2485 Datasheet HTML 22Page - STMicroelectronics AN2485 Datasheet HTML 23Page - STMicroelectronics AN2485 Datasheet HTML 24Page - STMicroelectronics AN2485 Datasheet HTML 25Page - STMicroelectronics AN2485 Datasheet HTML 26Page - STMicroelectronics AN2485 Datasheet HTML 27Page - STMicroelectronics AN2485 Datasheet HTML 28Page - STMicroelectronics AN2485 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
AN2485
PFC coil specification
27/29
8.3
Mechanical aspect and pin numbering
●
Maximum Height from PCB: 31 mm
●
Ferrite: two symmetrical half cores, PQ40-30
●
Material grade: PC44 or equivalent
●
Central leg air gap: to be defined, in order to get the required inductance value
●
Coil former type: vertical, 6+6 pins
●
Pin distance: 5 mm
●
Row distance: 45.5 mm
●
Cut pins: #9-12
●
External copper shield: not insulated (for EMI reasons), connected to pin #11 (GND)
Figure 42.
Pin side view
Figure 43.
Mechanic aspect
●
Manufacturer: DELTA ELECTRONICS
●
P/N: 86H-5410B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com