Electronic Components Datasheet Search
  English  ▼

X  

AN2485 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 15Page - STMicroelectronics AN2485 Datasheet HTML 16Page - STMicroelectronics AN2485 Datasheet HTML 17Page - STMicroelectronics AN2485 Datasheet HTML 18Page - STMicroelectronics AN2485 Datasheet HTML 19Page - STMicroelectronics AN2485 Datasheet HTML 20Page - STMicroelectronics AN2485 Datasheet HTML 21Page - STMicroelectronics AN2485 Datasheet HTML 22Page - STMicroelectronics AN2485 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AN2485
Layout hints
19/29
This point is the RTN star point. A downstream converter must be connected to this
return point.
2.
Minimize the length of the traces relevant to L3, boost inductor L4, boost rectifier D4
and output capacitor C6 and C7.
3.
Keep signal components as close as possible to L6563 pins. Keep the tracks relevant
to the pin #1 (INV) net as short as possible. Components and traces relevant to the
Error Amplifier must be placed far from traces and connections carrying signals with
high dv/dt like Mosfet Drains (Q1 and Q2).
4.
Connect heat sinks to Power GND.
5.
Add an external shield to the boost inductor and connect it to Power GND.
6.
Connect the RTN of signal components including the feedback, PFC_OK and MULT
dividers close to the L6563 pin #12 (GND).
7.
Connect a ceramic capacitor (100÷470 nf) to pin #14 (Vcc) and to pin #12 (GND), close
to the L6563 connect this point to the RTN star point (see point 1.).
Figure 34.
EVAL6563-400W PCB layout (not 1:1 scaled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com