Electronic Components Datasheet Search
  English  ▼

X  

AN2485 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 8Page - STMicroelectronics AN2485 Datasheet HTML 9Page - STMicroelectronics AN2485 Datasheet HTML 10Page - STMicroelectronics AN2485 Datasheet HTML 11Page - STMicroelectronics AN2485 Datasheet HTML 12Page - STMicroelectronics AN2485 Datasheet HTML 13Page - STMicroelectronics AN2485 Datasheet HTML 14Page - STMicroelectronics AN2485 Datasheet HTML 15Page - STMicroelectronics AN2485 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Test results and significant waveforms
AN2485
12/29
The L6563 achieves Voltage Feedforward with a technique that makes use of just two
external parts and limits the feedforward time constant trade-off issue to only one direction.
A capacitor CFF (C18) and a resistor RFF (R26 + R27), both connected to the VFF pin (#5),
complete an internal peak-holding circuit that provides a DC voltage equal to the peak of the
rectified sine wave applied on pin MULT (pin #3). RFF provides a means to discharge CFF
when the line voltage decreases. In this way, in case of sudden line voltage rise, CFF is
rapidly charged through the low impedance of the internal diode and no appreciable
overshoot is visible at the pre-regulator's output. In case of line voltage drop, CFF is
discharged with the time constant RFF· CFF, which can be in the hundred ms to achieve an
acceptably low steady-state ripple and have low current distortion. The dynamics of the
voltage feed-forward input is limited downwards at 0.5 V, that is, the output of the multiplier
no longer increases if the voltage on the VFF pin is below 0.5 V. This helps to prevent
excessive power flow when the line voltage is lower than the minimum specified value.
The behavior of the EVAL6563-400W demo board in case of an input voltage surge from 90
to 140 Vac is shown in Figure 20. The graph shows that the VFF function provides for the
stability of the output voltage which is not affected by the input voltage surge. In fact, thanks
to the VFF function, the compensation of the input voltage variation is very fast and the
output voltage remains perfectly stable at its nominal value. The opposite is confirmed in
Figure 21. which shows the behavior of a PFC using the L6562 working in FOT and
delivering a similar output power. In case of a mains surge the controller cannot compensate
for it, and the output voltage stability is guaranteed by the feedback loop only. Unfortunately,
as previously stated, its bandwidth is poor therefore the output voltage has a significant
deviation from the nominal value.
The circuit has the same behavior in case of mains surge at any input voltage, and it is not
affected if the input mains surge happens at any point on the input sine wave.
Figure 20.
EVAL6563-400W Input mains surge
from 90 Vac to 140 Vac - full load -
CFF = 470 nF
Figure 21.
L6562 FOT Input mains surge from
90 Vac to 140 Vac - full load - NO
VFF input
CH1: Output voltage
CH2: Input rectified mains voltage
CH4: Input current
CH3: VFF voltage - pin #5
CH1: Output voltage
CH2: Input rectified mains voltage
CH4: Input current
CH3: VFF voltage - pin #5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com