Electronic Components Datasheet Search
  English  ▼

X  

AN2485 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 20Page - STMicroelectronics AN2485 Datasheet HTML 21Page - STMicroelectronics AN2485 Datasheet HTML 22Page - STMicroelectronics AN2485 Datasheet HTML 23Page - STMicroelectronics AN2485 Datasheet HTML 24Page - STMicroelectronics AN2485 Datasheet HTML 25Page - STMicroelectronics AN2485 Datasheet HTML 26Page - STMicroelectronics AN2485 Datasheet HTML 27Page - STMicroelectronics AN2485 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Bill of material
AN2485
24/29
JP101
JUMPER
WIRE JUMPER
JP102
JUMPER
WIRE JUMPER
L1
1.5 mH-5A
DWG
CM CHOKE - LFR2205B
DELTA ELECTRONICS
L3
DM-51 µH-6 A
DWG
FILTER INDUCTOR - LSR2306-1
DELTA ELECTRONICS
L4
PQ40-500 µH
DWG
PFC INDUCTOR - 86H-5410B
DELTA ELECTRONICS
Q1
STP12NM50FP
TO-220FP
N-CHANNEL POWER MOSFET
STMicroelectronics
Q2
STP12NM50FP
TO-220FP
N-CHANNEL POWER MOSFET
STMicroelectronics
Q3
BC857C
SOT-23
SMALL SIGNAL BJT - PNP
VISHAY
R1
1 M5
AXIAL
HV RESISTOR
BC COMPONENTS
R10
680 K
1206
SMD STD FILM RES - 1% - 250ppm/°C
BC COMPONENTS
R11
680 K
1206
SMD STD FILM RES - 1% - 250ppm/°C
BC COMPONENTS
R12
82 K
0805
SMD STD FILM RES - 1% - 250ppm/°C
BC COMPONENTS
R13
15 K
0805
SMD STD FILM RES - 1% - 250ppm/°C
BC COMPONENTS
R14
56 K
0805
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
R15
3K3
0805
SMD STD FILM RES - 1% - 100ppm/°C
BC COMPONENTS
R16
15 K
0805
SMD STD FILM RES - 1% - 100ppm/°C
BC COMPONENTS
R17
6R8
0805
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
R18
6R8
0805
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
R19
1K0
1206
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
R2
NTC 2R5-S237
DWG
NTC RESISTOR 2R5 S237
EPCOS
R20
0R39-1 W
AXIAL
AXIAL RES - 5% - 250ppm/°C
BC COMPONENTS
R21
0R39-1 W
AXIAL
AXIAL RES - 5% - 250ppm/°C
BC COMPONENTS
R22
0R39-1 W
AXIAL
AXIAL RES - 5% - 250ppm/°C
BC COMPONENTS
R23
0R39-1 W
AXIAL
AXIAL RES - 5% - 250ppm/°C
BC COMPONENTS
R24
36 K
0805
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
R26
150 K
1206
SMD STD FILM RES - 1% - 250ppm/°C
BC COMPONENTS
R27
240 K
0805
SMD STD FILM RES - 1% - 100ppm/°C
BC COMPONENTS
R3
180 K
1206
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
R31
1K5
0805
SMD STD FILM RES - 1% - 100ppm/°C
BC COMPONENTS
R32
620 K
1206
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
R33
620 K
1206
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
R34
10 K
1206
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
R35
3R9
0805
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
R36
3R9
0805
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
Table 2.
Bill of material (continued)
Ref.
des.
Part type-
part value
Case/
package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com