Electronic Components Datasheet Search
  English  ▼

X  

AN2485 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 13Page - STMicroelectronics AN2485 Datasheet HTML 14Page - STMicroelectronics AN2485 Datasheet HTML 15Page - STMicroelectronics AN2485 Datasheet HTML 16Page - STMicroelectronics AN2485 Datasheet HTML 17Page - STMicroelectronics AN2485 Datasheet HTML 18Page - STMicroelectronics AN2485 Datasheet HTML 19Page - STMicroelectronics AN2485 Datasheet HTML 20Page - STMicroelectronics AN2485 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AN2485
Test results and significant waveforms
17/29
is latched as long as the supply voltage of the IC is above the UVLO threshold. At the same
time the pin PWM_LATCH (pin #8) is asserted high. PWM_LATCH is an open source output
able to deliver 3.7 V min. with 0.5 mA load, intended for tripping a latched shutdown function
of the PWM controller IC in the cascaded DC-DC converter, so that the entire unit is latched
off. To restart the system, it is necessary to recycle the input power, so that the Vcc voltages
of both the L6563 and the PWM controller go below their respective UVLO thresholds.
The PFC_OK pin doubles its function as a not-latched IC disable. A voltage below 0.2 V
shuts down the IC, reducing its consumption below 1 mA. In this case both PWM_STOP and
PWM_LATCH keep their high impedance status. To restart the IC simply let the voltage at
the pin go above 0.26 V.
Note that this function offers a complete protection against not only feedback loop failures or
erroneous settings, but also against a failure of the protection itself. Either resistor of the
PFC_OK divider failing short or open (or the PFC_OK (#7) pin is floating) results in shutting
down the L6563 and stopping the pre-regulator.
The event of an open loop is shown in Figure 31. The protection intervention stops the
operation of the L6563 and the activation of the PWM_LATCH pin.
2.7
Power management/housekeeping functions
A special feature of the L6563 is that it facilitates the implementation of the "housekeeping"
circuitry needed to coordinate the operation of the PFC stage to that of the cascaded DCDC
converter. The housekeeping circuitry functions ensure that transient conditions like power-
up or power down sequencing or failures of power stage are properly handled. The L6563
provides some pins for these functions.
One communication line between the L6563 and the PWM controller of the cascaded DC-
DC converter is the PWM_LATCH pin (#8), which is normally open when the PFC works
properly. It goes high if the L6563 loses control of the output voltage (because of a failure of
the control loop) or if the boost inductor saturates. Its aim is to latch off the PWM controller
from the cascaded DC-DC converter as well. A second communication line can be
established via the disable function included in the RUN pin. Typically, this line is used to
allow the PWM controller of the cascaded DC-DC converter to shut down the L6563 in case
of light load, in order to minimize the no-load input consumption of the power supply.
Figure 32.
L6563 On/Off control by a cascaded converter controller via PFC_OK or
RUN pin
L6668
PFC_STOP
14
16
Vcc
10 k
Ω
BC557
2.2 k
Ω
L6563
L6563A
Vcc
14
8.2 V
L6563
L6563A
(RUN)
PFC_OK
BC547
L6668
14 PFC_STOP
7
(10)
2.2 k
Ω
8
VREF
100 k
Ω
L6599
PFC_STOP
14
L6563
L6563A
(RUN)
PFC_OK
7
(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com